Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHX2090-QDG Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHX2090-QDG
Description  12-24GHz Frequency Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX2090-QDG Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHX2090-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHX2090-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHX2090-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHX2090-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHX2090-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHX2090-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHX2090-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHX2090-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHX2090-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CHX2090-QDG
RoHS COMPLIANT
Ref. : DSCHX2090QDG0211 - 30 Jul 2010
1/10
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - BP46 - 91401 Orsay Cedex France
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
12-24GHz Frequency Multiplier
GaAs Monolithic Microwave IC in SMD leadless package
Description
The
CHX2090-QDG
is
a
cascadable
frequency doubler monolithic circuit, which
integrate an output buffer amplifier that
produces a constant output power over a
range of input powers. It is designed for a
wide range of applications, from military to
commercial communication systems.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes
through
the
substrate,
air
bridges
and
electron beam gate lithography.
It is supplied in RoHS compliant SMD
package.
typical measurements
Main Features
■ Broadband performances: 11-13GHz
■ 13dBm output power for +14dBm input
power
■ DC bias: Vd=3.5Volt@Id=65mA
■ 24L-QFN4x4 SMD package
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fin
Input frequency range
11
13
GHz
Fout
Output frequency range
22
26
GHz
Pin
Input power
14
dBm
Pout
Output power for +14dBm input power
13
dBm
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!


Similar Part No. - CHX2090-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2090-QDG UMS-CHX2090-QDG Datasheet
323Kb / 10P
   12-24GHz Frequency Multiplier
More results

Similar Description - CHX2090-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2090-QDG UMS-CHX2090-QDG Datasheet
323Kb / 10P
   12-24GHz Frequency Multiplier
CHX2090RBF UMS-CHX2090RBF Datasheet
151Kb / 6P
   12-24GHz Frequency Multiplier
CHX2090 UMS-CHX2090_15 Datasheet
88Kb / 4P
   12-24GHz Frequency Multiplier
CHX2090 UMS-CHX2090 Datasheet
77Kb / 4P
   12-24GHz Frequency Multiplier
CHX1094 UMS-CHX1094_15 Datasheet
99Kb / 4P
   12-36GHz Frequency Multiplier
CHX1094 UMS-CHX1094 Datasheet
85Kb / 4P
   12-36GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com