Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK8552 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # SK8552
Description  LOW VOLTAGE OPERATION HALL IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK8552 Datasheet(HTML) 4 Page - Unisonic Technologies

  SK8552_15 Datasheet HTML 1Page - Unisonic Technologies SK8552_15 Datasheet HTML 2Page - Unisonic Technologies SK8552_15 Datasheet HTML 3Page - Unisonic Technologies SK8552_15 Datasheet HTML 4Page - Unisonic Technologies SK8552_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SK8552
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R118-006,F
PACKAGE INFORMATION
SIP-3
4.1 mm
0.95 mm
2.01 mm
3.0 mm
SOT-25
0.385 mm
1.00 mm
Fig. 1 SENSOR LOCATIONS
Fig. 2 OPERATING MAGNETIC FLUX DENSITY


Similar Part No. - SK8552_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK8552 UTC-SK8552_12 Datasheet
166Kb / 5P
   LOW VOLTAGE OPERATION HALL IC
More results

Similar Description - SK8552_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK8552 UTC-SK8552 Datasheet
218Kb / 5P
   LOW VOLTAGE OPERATION HALL IC
SK8552 UTC-SK8552_12 Datasheet
166Kb / 5P
   LOW VOLTAGE OPERATION HALL IC
logo
Seiko Instruments Inc
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
logo
Panasonic Semiconductor
DN8798MS PANASONIC-DN8798MS Datasheet
39Kb / 4P
   3 V operation Hall IC
DN8799MS PANASONIC-DN8799MS Datasheet
39Kb / 4P
   3 V operation Hall IC
logo
Seiko Instruments Inc
S5712A SII-S5712A Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
logo
Hamamatsu Corporation
S7610-10 HAMAMATSU-S7610-10_15 Datasheet
178Kb / 6P
   Low-voltage operation photo IC
logo
Panasonic Semiconductor
DN8797MS PANASONIC-DN8797MS Datasheet
197Kb / 11P
   3V operation Hall IC One-way magnetic field operation
logo
Seiko Instruments Inc
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
   Low-voltage operation photo IC Operation at low voltage from 2.2 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com