Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN6R3-120PS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN6R3-120PS
Description  N-channel 120 V 6.7 m廓 standard level MOSFET in TO-220
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN6R3-120PS Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN6R3-120PS_15 Datasheet HTML 1Page - NXP Semiconductors PSMN6R3-120PS_15 Datasheet HTML 2Page - NXP Semiconductors PSMN6R3-120PS_15 Datasheet HTML 3Page - NXP Semiconductors PSMN6R3-120PS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN6R3-120PS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN6R3-120PS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN6R3-120PS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN6R3-120PS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN6R3-120PS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NXP Semiconductors
PSMN6R3-120PS
N-channel 120 V 6.7 mΩ standard level MOSFET in TO-220
PSMN6R3-120PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
7 June 2013
3 / 12
Symbol
Parameter
Conditions
Min
Max
Unit
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
280
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
VGS = 10 V; Tj(init) = 25 °C; ID = 70 A;
Vsup ≤ 120 V; unclamped; RGS = 50 Ω;
Fig. 3
-
532
mJ
003aaj851
0
30
60
90
120
150
180
0
20
40
60
80
Tj (°C)
ID
ID
(A)
(A)
Fig. 1. Continuous drain current as a function of
mounting base temperature
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0
Fig. 2. Normalized total power dissipation as a
function of mounting base temperature
003aaj852
10-3
10-2
10-1
1
10
1
10
102
tAL (ms)
IAL
IAL
(A)
(A)
(1)
(1)
(2)
(2)
Fig. 3. Single-pulse and repetitive avalanche rating; avalanche current as a function of avalanche time


Similar Part No. - PSMN6R3-120PS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN6R3-120PS NEXPERIA-PSMN6R3-120PS Datasheet
744Kb / 12P
   N-channel 120 V 6.7 m廓 standard level MOSFET in TO-220
More results

Similar Description - PSMN6R3-120PS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN6R3-120PS NEXPERIA-PSMN6R3-120PS Datasheet
744Kb / 12P
   N-channel 120 V 6.7 m廓 standard level MOSFET in TO-220
logo
NXP Semiconductors
PSMN6R3-120ES PHILIPS-PSMN6R3-120ES_15 Datasheet
258Kb / 12P
   N-channel 120 V 6.7 m廓 standard level MOSFET in I2PAK
8 May 2013
logo
Nexperia B.V. All right...
PSMN6R3-120ES NEXPERIA-PSMN6R3-120ES Datasheet
742Kb / 12P
   N-channel 120 V 6.7 m廓 standard level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN5R0-100PS PHILIPS-PSMN5R0-100PS Datasheet
208Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in TO-220
Rev. 3-26 September 2011
PSMN4R3-100PS PHILIPS-PSMN4R3-100PS_15 Datasheet
202Kb / 15P
   N-channel 100 V 4.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
PSMN3R3-80PS PHILIPS-PSMN3R3-80PS Datasheet
200Kb / 15P
   N-channel 80 V, 3.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
PSMN4R3-100PS PHILIPS-PSMN4R3-100PS Datasheet
202Kb / 15P
   N-channel 100 V 4.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
PSMN5R0-100PS PHILIPS-PSMN5R0-100PS_15 Datasheet
208Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in TO-220
Rev. 3-26 September 2011
logo
Nexperia B.V. All right...
PSMN2R0-60PS NEXPERIA-PSMN2R0-60PS Datasheet
749Kb / 14P
   N-channel 60 V 2.2 m廓 standard level MOSFET in TO-220
logo
NXP Semiconductors
PSMN2R0-60PS PHILIPS-PSMN2R0-60PS_15 Datasheet
244Kb / 14P
   N-channel 60 V 2.2 m廓 standard level MOSFET in TO-220
4 October 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com