Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN4R8-100PSE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN4R8-100PSE
Description  N-channel 100 V 5 m廓 standard level MOSFET with improved SOA in TO220 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN4R8-100PSE Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN4R8-100PSE_15 Datasheet HTML 1Page - NXP Semiconductors PSMN4R8-100PSE_15 Datasheet HTML 2Page - NXP Semiconductors PSMN4R8-100PSE_15 Datasheet HTML 3Page - NXP Semiconductors PSMN4R8-100PSE_15 Datasheet HTML 4Page - NXP Semiconductors PSMN4R8-100PSE_15 Datasheet HTML 5Page - NXP Semiconductors PSMN4R8-100PSE_15 Datasheet HTML 6Page - NXP Semiconductors PSMN4R8-100PSE_15 Datasheet HTML 7Page - NXP Semiconductors PSMN4R8-100PSE_15 Datasheet HTML 8Page - NXP Semiconductors PSMN4R8-100PSE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
PSMN4R8-100PSE
N-channel 100 V 5 mΩ standard level MOSFET with improved SOA in
TO220 package
PSMN4R8-100PSE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
11 July 2014
2 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-
source avalanche
energy
VGS = 10 V; Tj(init) = 25 °C; ID = 120 A;
Vsup ≤ 100 V; RGS = 50 Ω; unclamped;
Fig. 4
-
-
542
mJ
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
D
drain
3
S
source
mb
D
mounting base; connected to
drain
1 2
mb
3
TO-220AB (SOT78)
S
D
G
mbb076
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PSMN4R8-100PSE
TO-220AB
plastic single-ended package; heatsink mounted; 1 mounting
hole; 3-lead TO-220AB
SOT78
7. Marking
Table 4.
Marking codes
Type number
Marking code
PSMN4R8-100PSE
PSMN4R8-100PSE
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
100
V


Similar Part No. - PSMN4R8-100PSE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN4R8-100PSE NEXPERIA-PSMN4R8-100PSE Datasheet
791Kb / 13P
   N-channel 100 V 5 m廓 standard level MOSFET with improved SOA in TO220 package
More results

Similar Description - PSMN4R8-100PSE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN4R8-100PSE NEXPERIA-PSMN4R8-100PSE Datasheet
791Kb / 13P
   N-channel 100 V 5 m廓 standard level MOSFET with improved SOA in TO220 package
logo
NXP Semiconductors
PSMN7R8-100PSE PHILIPS-PSMN7R8-100PSE_15 Datasheet
298Kb / 13P
   N-channel 100 V 7.8 m廓 standard level MOSFET with improved SOA in TO220 package
11 August 2014
logo
Nexperia B.V. All right...
PSMN7R8-100PSE NEXPERIA-PSMN7R8-100PSE Datasheet
816Kb / 13P
   N-channel 100 V 7.8 m廓 standard level MOSFET with improved SOA in TO220 package
logo
NXP Semiconductors
PSMN034-100PS NXP-PSMN034-100PS Datasheet
256Kb / 15P
   N-channel 100 V 34.5 m廓 standard level MOSFET in TO220.
Rev. 02-1 March 2010
PSMN8R5-100PS PHILIPS-PSMN8R5-100PS_15 Datasheet
258Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in TO220
17 October 2013
PSMN5R6-100PS PHILIPS-PSMN5R6-100PS_15 Datasheet
237Kb / 13P
   N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
30 November 2012
PSMN4R6-60PS PHILIPS-PSMN4R6-60PS_15 Datasheet
233Kb / 14P
   N-channel 60 V, 4.6 m廓 standard level MOSFET in TO220
Rev. 3-18 April 2012
PSMN017-80PS NXP-PSMN017-80PS Datasheet
253Kb / 14P
   N-channel 80 V 17 m廓 standard level MOSFET in TO220
Rev. 01-11 March 2010
PSMN4R6-60PS NXP-PSMN4R6-60PS Datasheet
260Kb / 14P
   N-channel 60 V, 4.6 m廓 standard level MOSFET in TO220
Rev. 01-11 March 2010
PSMN1R5-40PS NXP-PSMN1R5-40PS Datasheet
275Kb / 14P
   N-channel 40 V 1.6 m廓 standard level MOSFET in TO220
15 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com