Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHU2277A98F Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHU2277A98F
Description  W-band Multifunction: Multiplier / MPA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHU2277A98F Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHU2277A98F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHU2277A98F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHU2277A98F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHU2277A98F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHU2277A98F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHU2277A98F_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHU2277A98F_15 Datasheet HTML 10Page - United Monolithic Semiconductors CHU2277A98F_15 Datasheet HTML 11Page - United Monolithic Semiconductors CHU2277A98F_15 Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
W-band Multiplier/MPA
CHU2277a98F
Ref. : DSCHU2277a0266 - 23 Sept 10
11/12
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Notes


Similar Part No. - CHU2277A98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
More results

Similar Description - CHU2277A98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
CHU2277 UMS-CHU2277_15 Datasheet
229Kb / 6P
   W-band Multifunction Multiplier / MPA
CHU2277 UMS-CHU2277 Datasheet
159Kb / 7P
   W-band Multifunction : Multiplier / MPA
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
CHU3377 UMS-CHU3377 Datasheet
183Kb / 6P
   W-band Multifunction: Multiplier / MPA
CHU3277 UMS-CHU3277 Datasheet
139Kb / 7P
   W-band Multi-function: Multiplier / MPA
CHV2240 UMS-CHV2240 Datasheet
352Kb / 8P
   Multifunction : K-band VCO and Q-band Multiplier
CHV2240 UMS-CHV2240_15 Datasheet
373Kb / 8P
   Multifunction K-band VCO and Q-band Multiplier
logo
TriQuint Semiconductor
TGA4040 TRIQUINT-TGA4040 Datasheet
163Kb / 10P
   17 - 43GHz MPA/Multiplier
TGA4031-SM TRIQUINT-TGA4031-SM Datasheet
1Mb / 17P
   17 ??0 GHz MPA/Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com