Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT4694-99F Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHT4694-99F
Description  25-45 GHz Attenuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4694-99F Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHT4694-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHT4694-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHT4694-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHT4694-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHT4694-99F_15 Datasheet HTML 10Page - United Monolithic Semiconductors CHT4694-99F_15 Datasheet HTML 11Page - United Monolithic Semiconductors CHT4694-99F_15 Datasheet HTML 12Page - United Monolithic Semiconductors CHT4694-99F_15 Datasheet HTML 13Page - United Monolithic Semiconductors CHT4694-99F_15 Datasheet HTML 14Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
25-45 GHz Attenuator
CHT4694-99F
Ref. : DSCHT46942305 - 31 Oct 12
11/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Biasing sequence
To obtain good performances in linearity, biasing voltage should be applied as following:
-
Control of 1
st stage attenuation with V1 from –5V to 0V, with V2 fixed at -5V
-
Control of 2
nd stage with V2 from -5V to 0V, with V1 fixed at 0V
This part could be also driven in Single Voltage Control, applying the same voltage from -5V
to 0V on V1 and V2, leading to lower linearity performances
V1
V2
V1
V2
0V
-5V
Attenuation
Min.
Max.
Voltage
V1
V2
0V
-5V
Attenuation
Min.
Max.
Voltage
V1
V2
RF OUT
RF IN


Similar Part No. - CHT4694-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4694-QAG UMS-CHT4694-QAG Datasheet
701Kb / 14P
   25- 40GHz ATTENUATOR
CHT4694-QAG UMS-CHT4694-QAG_15 Datasheet
701Kb / 14P
   25- 40GHz ATTENUATOR
More results

Similar Description - CHT4694-99F_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6630 AVAGO-AMMC-6630 Datasheet
932Kb / 11P
   5 ??45 GHz Variable Attenuator
logo
Broadcom Corporation.
AMMC-6630 BOARDCOM-AMMC-6630 Datasheet
932Kb / 11P
   5 ??45 GHz Variable Attenuator
DEMO-VMMK3413-42 BOARDCOM-DEMO-VMMK3413-42 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3413 AVAGO-VMMK-3413 Datasheet
656Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
Broadcom Corporation.
DEMO-VMMK3413-35 BOARDCOM-DEMO-VMMK3413-35 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
Hittite Microwave Corpo...
HMC656LP2E HITTITE-HMC656LP2E_11 Datasheet
239Kb / 4P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC652LP2E HITTITE-HMC652LP2E Datasheet
212Kb / 4P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC656LP2E HITTITE-HMC656LP2E Datasheet
126Kb / 6P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
logo
Tyco Electronics
AT-255 MACOM-AT-255 Datasheet
32Kb / 2P
   3Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
logo
United Monolithic Semic...
CHT4694-QAG UMS-CHT4694-QAG_15 Datasheet
701Kb / 14P
   25- 40GHz ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com