Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2568 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2568
Description  Video Amplifier with 75 ohms Driver?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2568 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2568 Datasheet HTML 1Page - New Japan Radio NJM2568 Datasheet HTML 2Page - New Japan Radio NJM2568 Datasheet HTML 3Page - New Japan Radio NJM2568 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
j
j
j
j
NJM2568
- 1 -
Video Amplifier with 75 ohms Driver
s
s
s
sGENERAL DESCRIPTION
sPACKAGE OUTLINE
s
s
s
sFEATURES
qOperating Voltage V
+1=4.5 to 5.3V,V+2=2.7 to 5.3V
qOperating Current 9.5mAtyp.V
+=4.8V
7.3mAtyp.V
+=3.0V
qInternal LPF,BPF
qInternal Clamp Discharge
qBipolar Technology
qPackage Outline
SSOP14
sBLOCK DIAGRAM
ATT
CLAMP
8
9
7
6
10
11
12
14
2
3
13
5
BIAS
ATT
BPF
DISC.
LPF
Vreg
CLAMP
Blank
LEVEL
Blank
LEVEL
-6dB
-6dB
-6dB
+18dB
75
ΩDriver
PowerSave
GCA
6
±3dB
GCA
6
±3dB
3v
4.8v
1
4
COMP.
THE NJM2568 is a video amplifier with 75 ohms drivers, which
includes LPF and BPF of both Y and C system.
THE NJM2568 can compose the output circuit of digital video
items with a little external components. It is suitable for portable
items.
1.CLAMP REF
2.YIN
3.GCA CTLY/MUTE
4.CLAMP
5.DIS CTL
6.GND
7.GND
8.VSAG
9.VOUT
10.V
+1
11.V
+1
12.V
+2
13.GCA CTLC/POWER SAVE
14.CIN
NJM2568V


Similar Part No. - NJM2568

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2560 NJRC-NJM2560 Datasheet
84Kb / 4P
   SELECTABLE GAIN TYPE LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2560RB1 NJRC-NJM2560RB1 Datasheet
84Kb / 4P
   SELECTABLE GAIN TYPE LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561 NJRC-NJM2561 Datasheet
128Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561A NJRC-NJM2561A Datasheet
95Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561AKG1 NJRC-NJM2561AKG1 Datasheet
95Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
More results

Similar Description - NJM2568

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2538 NJRC-NJM2538 Datasheet
344Kb / 8P
   Video Amplifier with 75 ohms Driver
NJM2538B NJRC-NJM2538B Datasheet
238Kb / 8P
   Video Amplifier with 75 ohms Driver?
logo
Unisonic Technologies
V2267 UTC-V2267_12 Datasheet
265Kb / 8P
   DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
logo
New Japan Radio
NJM2244M-TE1 NJRC-NJM2244M-TE1 Datasheet
145Kb / 5P
   3-INPUT VIDEO SWITCH WITH 75 DRIVER
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
   75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com