Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2568 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2568
Description  Video Amplifier with 75 ohms Driver?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2568 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2568 Datasheet HTML 1Page - New Japan Radio NJM2568 Datasheet HTML 2Page - New Japan Radio NJM2568 Datasheet HTML 3Page - New Japan Radio NJM2568 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
j
j
j
j
NJM2568
- 2 -
sABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETERS
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
7.0
V
Power Dissipation
PD
300
mW
Operating Temperature Range
Topr
-20 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
sELECTRICAL CHARACTERISTICS ( Ta=25
°C,V+1=4.8V,V+2=3.0V,R
L=150
Ω)
PARAMETERS
SYMBOL
TEST CONDITION
MIN. TYP. MAX. UNIT
Operating Current 1
ICC1V
+1=4.8V,No Signal
-
9.5
12.5
mA
Operating Current 1
(Power Save Mode)
Isave1
V
+1=4.8V,Power Save
-
1.6
2.1
mA
Operating Current 2
Icc2
V
+2=3.0V,No Signal
-
7.3
10.0
mA
Operating Current2
(Power Save Mode)
Isave2
V
+2=3.0V,Power Save
-
0.37
0.9
mA
(Y Amplifier)
Voltage Gain 1
GvY1
YIN to VOUT,GCACTLY=0.5V
100kHz,0.5Vp-p @Sine Wave
+3.0
+6.0
+9.0
dB
Voltage Gain 2
GvY2
YIN to VOUT,GCACTLY=2.5V
100kHz,0.5Vp-p @Sine Wave
+13.0 +16.0 +19.0
dB
(C Amplifier)
Voltage Gain 1
GvC1
CIN to VOUT,GCACTLY=0.5V
4MHz,143mVp-p @Sine Wave
+3.0
+6.0
+9.0
dB
Voltage Gain 2
GvC2
CIN to VOUT,GCACTLC=2.5V
4MHz,143mVp-p @Sine Wave
+13.0 +16.0 +19.0
dB
(Filter Characteristics)
GfY6M
6MHz/100kHz,100mVp-p @Sine Wave
-1.0
0
-
dB
GfY7.2M
7.2MHz/100kHz,100mVp-p@Sine Wave
-1.5
0
-
dB
GfY20M
20MHz/100kHz,100mVp-p@Sine Wave
-
-30
-20
dB
LPF (YIN)
DLY
Group Delay
|GD3MHz-GD6MHz|
-
60
100
nsec
GfC±1M
±1MHz/4MHz,100mV@Sine Wave
-1.0
0
-
dB
GfC±1.6M ±1.6MHz/4MHz,100mV@Sine Wave
-3.0
0
-
dB
GfC500k
500kHz/4MHz,100mVp-p@Sine Wave
-
-15
-10
dB
GfC20M
20MHz/4MHz,100mVp-p@Sine Wave
-
-25
-10
dB
BPF (CIN)
DLC
Group Delay
|GD3MHz-GD6MHz|
-60
90
nsec
(YC Delay)
YC Delay
TYC
TYOUT-TCOUT at 4MHz
-
+25
-
nsec
(Maximum Output Swing)
V-OUT
VOVM
100kHz,Sine Wave,RL=75
1.2
-
-
Vp-p
(GCA Control Signal)
VGC1
GCA Control Voltage
0.5
-
2.5
V
GCACTLY
VGL1
MUTE Voltage
GND
-
0.3
V
VGC2
GCA Control Voltage
0.5
-
2.5
V
GCACTLC
VGL2
Power Down Voltage
GND
-
0.3
V


Similar Part No. - NJM2568

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2560 NJRC-NJM2560 Datasheet
84Kb / 4P
   SELECTABLE GAIN TYPE LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2560RB1 NJRC-NJM2560RB1 Datasheet
84Kb / 4P
   SELECTABLE GAIN TYPE LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561 NJRC-NJM2561 Datasheet
128Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561A NJRC-NJM2561A Datasheet
95Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561AKG1 NJRC-NJM2561AKG1 Datasheet
95Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
More results

Similar Description - NJM2568

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2538 NJRC-NJM2538 Datasheet
344Kb / 8P
   Video Amplifier with 75 ohms Driver
NJM2538B NJRC-NJM2538B Datasheet
238Kb / 8P
   Video Amplifier with 75 ohms Driver?
logo
Unisonic Technologies
V2267 UTC-V2267_12 Datasheet
265Kb / 8P
   DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
logo
New Japan Radio
NJM2244M-TE1 NJRC-NJM2244M-TE1 Datasheet
145Kb / 5P
   3-INPUT VIDEO SWITCH WITH 75 DRIVER
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
   75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com