Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R0-30YLD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN3R0-30YLD
Description  N-channel 30 V, 3.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R0-30YLD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PSMN3R0-30YLD_15 Datasheet HTML 5Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 6Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 7Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 8Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 9Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 10Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 11Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 12Page - NXP Semiconductors PSMN3R0-30YLD_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NXP Semiconductors
PSMN3R0-30YLD
N-channel 30 V, 3.0 mΩ logic level MOSFET in LFPAK56 using
NextPowerS3 Technology
PSMN3R0-30YLD
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2014. All rights reserved
Product data sheet
18 February 2014
9 / 13
aaa-008338
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
QG (nC)
VGS
VGS
(V)
(V)
15 V
15 V
VDS = 6 V
VDS = 6 V
24 V
24 V
Fig. 13. Gate-source voltage as a function of gate
charge; typical values
aaa-008339
10-1
1
10
102
10
102
103
104
VDS (V)
C
C
(pF)
(pF)
Ciss
Ciss
Coss
Coss
Crss
Crss
Fig. 14. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
aaa-008340
0
0.2
0.4
0.6
0.8
1
1.2
10-1
1
10
102
VSD (V)
IS
IS
(A)
(A)
Tj = 25°C
Tj = 25°C
150°C
150°C
Fig. 15. Source current as a function of source-drain
voltage; typical values
003aal160
0
t (s)
ID
(A)
IRM
0.25 IRM
ta
tb
trr
Fig. 16. Reverse recovery timing definition


Similar Part No. - PSMN3R0-30YLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R0-30YLD NEXPERIA-PSMN3R0-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 3.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
More results

Similar Description - PSMN3R0-30YLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R0-30YLD NEXPERIA-PSMN3R0-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 3.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN2R4-30YLD NEXPERIA-PSMN2R4-30YLD Datasheet
724Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN6R1-30YLD NEXPERIA-PSMN6R1-30YLD Datasheet
757Kb / 13P
   N-channel 30 V, 6.1 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN1R4-30YLD NEXPERIA-PSMN1R4-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 1.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
logo
NXP Semiconductors
PSMN1R0-30YLD PHILIPS-PSMN1R0-30YLD_15 Datasheet
243Kb / 13P
   N-channel 30 V, 1.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
19 September 2014
PSMN2R4-30YLD PHILIPS-PSMN2R4-30YLD_15 Datasheet
289Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
7 February 2014
PSMN1R2-30YLD PHILIPS-PSMN1R2-30YLD_15 Datasheet
294Kb / 13P
   N-channel 30 V, 1.2 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
30 May 2014
PSMN2R0-30YLD PHILIPS-PSMN2R0-30YLD_15 Datasheet
239Kb / 13P
   N-channel 30 V, 2.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
11 December 2014
PSMN7R5-30YLD PHILIPS-PSMN7R5-30YLD_15 Datasheet
291Kb / 13P
   N-channel 30 V, 7.5 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
7 February 2014
PSMN6R0-30YLD PHILIPS-PSMN6R0-30YLD_15 Datasheet
332Kb / 13P
   N-channel 30 V, 6.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
10 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com