Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A4624 Datasheet(PDF) 2 Page - Texas Instruments

Part # TS5A4624
Description  1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A4624 Datasheet(HTML) 2 Page - Texas Instruments

  TS5A4624_15 Datasheet HTML 1Page - Texas Instruments TS5A4624_15 Datasheet HTML 2Page - Texas Instruments TS5A4624_15 Datasheet HTML 3Page - Texas Instruments TS5A4624_15 Datasheet HTML 4Page - Texas Instruments TS5A4624_15 Datasheet HTML 5Page - Texas Instruments TS5A4624_15 Datasheet HTML 6Page - Texas Instruments TS5A4624_15 Datasheet HTML 7Page - Texas Instruments TS5A4624_15 Datasheet HTML 8Page - Texas Instruments TS5A4624_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
TS5A4624
1-
Ω SPDT ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SLYS014A – DECEMBER 2005 – REVISED AUGUST 2006
SUMMARY OF CHARACTERISTICS(1)
2:1 Multiplexer/
Configuration
Demultiplexer
(1
× SPDT)
Number of channels
1
ON-state resistance ron)
1.1
ON-state resistance match (
∆r
on)
0.1
ON-state resistance flatness ron(flat))
0.15
Turn-on/turn-off time (tON/tOFF)
20 ns/15 ns
Break-before-make time (tBBM)
12 ns
Charge injection (QC)
–20 pC
Bandwidth (BW)
100 MHz
OFF isolation (OISO)
–65 dB at 1 MHz
Crosstalk (XTALK)
–66 dB at 1 MHz
Total harmonic distortion (THD)
0.01%
Leakage current (INO(OFF)/INC(OFF))
±20 nA
Power-supply current (I+)
0.1
µA
Package options
6-pin DCK
(1)
V+ = 5 V, TA = 25°C
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
–40
°C to 85°C SOT (SC-70) – DCK
Tape and reel
TS5A4624DCKR
JW_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCK: The actual top-side marking has one additional character that designates the assembly/test site.
2
Submit Documentation Feedback


Similar Part No. - TS5A4624_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A4624_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154 Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com