Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN2R4-30MLD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PSMN2R4-30MLD
Description  N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN2R4-30MLD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PSMN2R4-30MLD_15 Datasheet HTML 5Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 6Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 7Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 8Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 9Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 10Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 11Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 12Page - NXP Semiconductors PSMN2R4-30MLD_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
PSMN2R4-30MLD
N-channel 30 V, 2.4 mΩ logic level MOSFET in LFPAK33 using
NextPowerS3 Technology
PSMN2R4-30MLD
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
11 August 2015
10 / 13
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1210
sot1210_po
11-12-19
12-03-12
Unit(1)
mm
max
nom
min
0.90 0.10
0.35 0.20 0.30 2.70
0.65
A
Dimensions
Note
1. Plastic or metal protrusions of 0.15 mm per side are not included.
Plastic single ended surface mounted package (LFPAK33); 8 leads
SOT1210
A1
b
0.35
b1
c
c1 D(1)
θ
D1 E(1) E1
e
0.65
e1
H
3.40 2.45
2.35
3.40
L
0.25
Lp
0.50
0.20 0.10
w
y
3.20 2.00
0.80 0.00
0.25 0.10 0.20 2.50
0.25
0°
1.90
3.20 0.13 0.30
8°
0
5 mm
2.5
scale
A
e1
e
X
θ
w
A
mounting
base
E1
c1
b1
b
A
E
L
D1
H
D
detail X
C
c
A1
Lp
C
y
1
4
Fig. 17. Package outline LFPAK33 (SOT1210)


Similar Part No. - PSMN2R4-30MLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R4-30MLD NEXPERIA-PSMN2R4-30MLD Datasheet
724Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
More results

Similar Description - PSMN2R4-30MLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R4-30MLD NEXPERIA-PSMN2R4-30MLD Datasheet
724Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PSMN6R5-30MLD NEXPERIA-PSMN6R5-30MLD Datasheet
292Kb / 12P
   N-channel 30 V, 6.5 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
logo
NXP Semiconductors
PSMN4R2-30MLD PHILIPS-PSMN4R2-30MLD_15 Datasheet
282Kb / 13P
   N-channel 30 V, 4.2 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
11 August 2015
logo
Nexperia B.V. All right...
PSMN4R2-30MLD NEXPERIA-PSMN4R2-30MLD Datasheet
723Kb / 13P
   N-channel 30 V, 4.2 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PSMN6R4-30MLD NEXPERIA-PSMN6R4-30MLD Datasheet
294Kb / 12P
   N-channel 30 V, 6.4 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PSMN7R5-30MLD NEXPERIA-PSMN7R5-30MLD Datasheet
723Kb / 13P
   N-channel 30 V, 7.5 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PSMN2R4-30YLD NEXPERIA-PSMN2R4-30YLD Datasheet
724Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
logo
NXP Semiconductors
PSMN2R4-30YLD PHILIPS-PSMN2R4-30YLD_15 Datasheet
289Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
7 February 2014
logo
Nexperia B.V. All right...
PSMN6R1-25MLD NEXPERIA-PSMN6R1-25MLD Datasheet
728Kb / 13P
   N-channel 25 V, 6.8 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PSMN5R3-25MLD NEXPERIA-PSMN5R3-25MLD Datasheet
730Kb / 13P
   N-channel 25 V, 5.3 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com