Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4123 Datasheet(PDF) 5 Page - Micro Commercial Components

Part # 2N4123
Description  NPN Silicon General Purpose Transistor 625mW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N4123 Datasheet(HTML) 5 Page - Micro Commercial Components

  2N4123 Datasheet HTML 1Page - Micro Commercial Components 2N4123 Datasheet HTML 2Page - Micro Commercial Components 2N4123 Datasheet HTML 3Page - Micro Commercial Components 2N4123 Datasheet HTML 4Page - Micro Commercial Components 2N4123 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image

IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
1.2
0.2
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
0
100
– 0.5
0
0.5
1.0
0
60
80
120
140
160
180
20
40
100
200
– 1.0
– 1.5
– 2.0
200
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 1 V
+25
°C to +125°C
– 55
°C to +25°C
+25
°C to +125°C
– 55
°C to +25°C
qVC for VCE(sat)
qVB for VBE(sat)
Figure 11. "ON" Voltages
Figure 12. Temperature Coefficients
2N4123
2N4124
 


 !"#
$%    !"#
MCC
www.mccsemi.com


Similar Part No. - 2N4123

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N4123 SAMSUNG-2N4123 Datasheet
30Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N4123 FAIRCHILD-2N4123 Datasheet
32Kb / 2P
   NPN General Purpose Amplifier
logo
Micro Electronics
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Central Semiconductor C...
2N4123 CENTRAL-2N4123 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
ON Semiconductor
2N4123 ONSEMI-2N4123 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
More results

Similar Description - 2N4123

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2N6718 MCC-2N6718 Datasheet
307Kb / 3P
   NPN Silicon General Purpose Transistor 625mW
2N4123 MCC-2N4123_11 Datasheet
321Kb / 6P
   NPN Silicon General Purpose Transistor 625mW
2N4123 MCC-2N4123_13 Datasheet
382Kb / 6P
   NPN Silicon General Purpose Transistor 625mW
PN2222A MCC-PN2222A_10 Datasheet
241Kb / 4P
   625mW NPN General Purpose Amplifier
PN2222A MCC-PN2222A_15 Datasheet
446Kb / 4P
   625mW NPN General Purpose Amplifier
BC546A MCC-BC546A_13 Datasheet
341Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B_08 Datasheet
228Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B Datasheet
1Mb / 4P
   NPN Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
   NPN Silicon High Voltage Transistor 625mW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com