Electronic Components Datasheet Search |
|
TS5A3357-Q1 Datasheet(PDF) 9 Page - Texas Instruments |
|
TS5A3357-Q1 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 24 page TS5A3357-Q1 www.ti.com................................................................................................................................................................................................ SCDS290 – AUGUST 2009 ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY (1) V+ = 1.65 V to 1.95 V, TA = –40°C to 125°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNO 0 V+ V range Peak ON 0 ≤ VNO ≤ V+, Switch ON, rpeak Full 1.65 V 150 Ω resistance ICOM = –4 mA, See Figure 13 VNO = 0 V, 25°C 10 20 ICOM = 4 mA Full 20 ON-state Switch ON, ron 1.65 V Ω resistance See Figure 13 VNO = 1.8 V, 25°C 17 50 ICOM = –4 mA Full 50 ON-state resistance VNO = 1.15 V, Switch ON, Δron 25°C 1.65 V 0.3 Ω match between ICOM = –4 mA, See Figure 13 channels ON-state 0 ≤ VNO ≤ V+, Switch ON, ron(flat) 25°C 1.8 V 140 Ω resistance flatness ICOM = –4 mA, See Figure 13 NO 25°C –0.2 0.2 VNO = 0 to V+, Switch OFF, OFF leakage INO(OFF) 1.95 V μA VCOM = V+ to 0 See Figure 14 Full –1 1 current COM 25°C –0.2 0.2 VCOM = 0 to V+, Switch OFF, OFF leakage ICOM(OFF) 1.95 V μA VNO = V+ to 0, See Figure 14 Full –1 1 current NO 25°C –0.2 0.2 VNO = 0 to V+, Switch ON, ON leakage INO(ON) 1.95 V μA VCOM = V+ to 0, See Figure 14 Full –1 1 current COM 25°C –0.2 0.2 VNO = Open, Switch ON, ON leakage ICOM(ON) 1.95 V μA VCOM = 0 to V+, See Figure 14 Full –1 1 current Digital Control Inputs (IN1, IN2)(2) Input logic high VIH Full V+ × 0.75 5.5 V Input logic low VIL Full 0 V+ × 0.25 V 25°C 0.1 Input leakage IIH, IIL VI = 5.5 V or 0 1.95 V μA current Full 1 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. Copyright © 2009, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TS5A3357-Q1 |
Similar Part No. - TS5A3357-Q1_15 |
|
Similar Description - TS5A3357-Q1_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |