Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3357DCURG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3357DCURG4
Description  SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3357DCURG4 Datasheet(HTML) 1 Page - Texas Instruments

  TS5A3357DCURG4 Datasheet HTML 1Page - Texas Instruments TS5A3357DCURG4 Datasheet HTML 2Page - Texas Instruments TS5A3357DCURG4 Datasheet HTML 3Page - Texas Instruments TS5A3357DCURG4 Datasheet HTML 4Page - Texas Instruments TS5A3357DCURG4 Datasheet HTML 5Page - Texas Instruments TS5A3357DCURG4 Datasheet HTML 6Page - Texas Instruments TS5A3357DCURG4 Datasheet HTML 7Page - Texas Instruments TS5A3357DCURG4 Datasheet HTML 8Page - Texas Instruments TS5A3357DCURG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
APPLICATIONS
SC-70 (DCU) PACKAGE
(TOP VIEW)
1
2
3
8
7
6
NO0
NO1
NO2
IN1
COM
V+
TS5A3357
4
GND
5
IN2
Logic
Control
DESCRIPTION/ORDERING INFORMATION
TS5A3357
SINGLE 5-
Ω SP3T ANALOG SWITCH
5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
SCDS177A – OCTOBER 2004 – REVISED DECEMBER 2007
www.ti.com
• Cell Phones
• Specified Break-Before-Make Switching
• PDAs
• Low ON-State Resistance
• Portable Instrumentation
• High Bandwidth
• Control Inputs Are 5.5-V Tolerant
• Low Charge Injection
• Excellent ON-State Resistance Matching
• Low Total Harmonic Distortion (THD)
• 1.65-V to 5.5-V Single-Supply Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
FUNCTION TABLE
IN1
IN2
COM TO NO0
COM TO NO1
COM TO NO2
L
L
OFF
OFF
OFF
H
L
ON
OFF
OFF
L
H
OFF
ON
OFF
H
H
OFF
OFF
ON
Summary of Characteristics(1)
Triple 3:1 Multiplexer/
The TS5A3357 is a high-performance, single-pole
Configuration
Demultiplexer
triple throw (SP3T) analog switch that is designed to
(1
× SP3T)
operate from 1.65 V to 5.5 V. The device offers a low
Number of channels
1
ON-state resistance and low input/output capacitance
ON-state resistance (ron)
5
and, thus, causes a very low signal distortion. The
ON-state resistance match (
Δron)
0.1
break-before-make feature allows transferring of a
signal from one port to another, with a minimal signal
ON-state resistance flatness (ron(flat))
6.5
distortion. This device also offers a low charge
Turn-on/turn-off time (tON/tOFF)
6.5 ns/3.7 ns
injection
which
makes
this
device
suitable
for
Break-before-make time (tBBM)
0.5 ns
high-performance
audio
and
data
acquisition
Charge injection (QC)
3.4 pC
systems.
Bandwidth (BW)
334 MHz
OFF isolation (OISO)
–82 dB at 10 MHz
Crosstalk (XTALK)
–62 dB at 10 MHz
Total harmonic distortion (THD)
0.05%
Leakage current (ICOM(OFF))
±1
µA
Package option
8-pin DCU (US8)
(1)
V+ = 5 V, TA = 25°C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS5A3357DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3357DCUR TI-TS5A3357DCUR Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3357DCUR TI-TS5A3357DCUR Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357DCURE4 TI-TS5A3357DCURE4 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A3357DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com