Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT4016-QEG Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHT4016-QEG
Description  4-14GHz 6-bit digital attenuator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4016-QEG Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHT4016-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHT4016-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHT4016-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHT4016-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHT4016-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHT4016-QEG Datasheet HTML 9Page - United Monolithic Semiconductors CHT4016-QEG Datasheet HTML 10Page - United Monolithic Semiconductors CHT4016-QEG Datasheet HTML 11Page - United Monolithic Semiconductors CHT4016-QEG Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
4-14GHz 6-bit digital attenuator
CHT4016-QEG
Ref. : DSCHT4016-QEG3207 - 26 Jul 13
9/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Package outline
(1)
Matt tin, Lead Free
(Green)
1-
Nc
9-
Nc
17-
A4
Units :
mm
2-
Nc
10-
RF out
18-
A3
From the standard :
JEDEC MO-220
3-
Nc
11-
Gnd
(2)
19-
A2
(VGHD)
4-
Nc
12-
5V
20-
A1
25-
GND
5-
Nc
13-
-5V
21-
Gnd
(2)
6-
Nc
14-
Gnd
(2)
22-
RF in
7-
Nc
15-
A6
23-
Nc
8-
Nc
16-
A5
24-
Nc
(1) The package outline drawing included to this data-sheet is given for indication. Refer to the
application note AN0017 (http://www.ums-gaas.com) for exact package dimensions.
(2) It is strongly recommended to ground all pins marked “Gnd” through the PCB board.
Ensure that the PCB board is designed to provide the best possible ground to the package.


Similar Part No. - CHT4016-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4016-99F UMS-CHT4016-99F Datasheet
603Kb / 10P
   4-16GHz 6-bit digital attenuator
CHT4016-99F UMS-CHT4016-99F_15 Datasheet
603Kb / 10P
   4-16GHz 6-bit digital attenuator
More results

Similar Description - CHT4016-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4016-99F UMS-CHT4016-99F_15 Datasheet
603Kb / 10P
   4-16GHz 6-bit digital attenuator
logo
Integrated Device Techn...
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAATSS0016 MA-COM-MAATSS0016 Datasheet
121Kb / 4P
   Digital Attenuator, 4-Bit
logo
API Technologies Corp
TAN6007 APITECH-TAN6007 Datasheet
43Kb / 1P
   4 Bit Digital Attenuator
logo
Spectrum Microwave, Inc...
TAD5006 SPECTRUM-TAD5006 Datasheet
190Kb / 1P
   4 Bit Digital Attenuator
TAD6006 SPECTRUM-TAD6006 Datasheet
192Kb / 1P
   4 Bit Digital Attenuator
TAN6008 SPECTRUM-TAN6008 Datasheet
194Kb / 1P
   4 Bit Digital Attenuator
TAN6007 SPECTRUM-TAN6007 Datasheet
186Kb / 1P
   4 Bit Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com