Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT4016-99F Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHT4016-99F
Description  4-16GHz 6-bit digital attenuator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4016-99F Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHT4016-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHT4016-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHT4016-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHT4016-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHT4016-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHT4016-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHT4016-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHT4016-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHT4016-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CHT4016-99F
Ref. : DSCHT40163042 - 11 Feb 13
1/10
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
4-16GHz 6-bit digital attenuator
GaAs Monolithic Microwave IC
Description
The CHT4016-99F is a 4-16GHz 6-bit digital
attenuator designed to address a dynamic of
31.5dB by 0.5dB step.
It
is
designed
for
a
wide
range
of
applications, from military to commercial
communication systems.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes
through
the
substrate,
air
bridges
and
electron beam gate lithography.
It is available in chip form.
Main Features
■ Broadband performances: 4-16GHz
■ 6-bit digital control interface
■ 0.5dB Attenuator step
■ 31.5dB Dynamic
■ 0.5dB RMS attenuation error
■ Chip size 3.64x1.54x0.1mm
Main Electrical Characteristics
Tamb.= +25°C, V+ = 5V / V- = -5V
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
4
16
GHz
Dyn
Dynamic
31.5
dB
IL
Insertion loss
6.5
dB
Rms_att
RMS attenuation error
0.5
dB
P1dB
Input power @1dB gain compression
23
dBm
4GHz< Freq. < 16GHz


Similar Part No. - CHT4016-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4016-QEG UMS-CHT4016-QEG Datasheet
729Kb / 12P
   4-14GHz 6-bit digital attenuator
CHT4016-QEG UMS-CHT4016-QEG_15 Datasheet
729Kb / 12P
   4-14GHz 6-bit digital attenuator
More results

Similar Description - CHT4016-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4016 UMS-CHT4016 Datasheet
1Mb / 10P
   4-16GHz 6-BIT DIGITAL ATTENUATOR GaAs Monolithic Microwave IC
CHT4016-QEG UMS-CHT4016-QEG_15 Datasheet
729Kb / 12P
   4-14GHz 6-bit digital attenuator
logo
Integrated Device Techn...
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAATSS0016 MA-COM-MAATSS0016 Datasheet
121Kb / 4P
   Digital Attenuator, 4-Bit
logo
United Monolithic Semic...
CHT4660-QAG UMS-CHT4660-QAG_15 Datasheet
454Kb / 18P
   DC-16GHz Attenuator
logo
API Technologies Corp
TAN6007 APITECH-TAN6007 Datasheet
43Kb / 1P
   4 Bit Digital Attenuator
logo
Spectrum Microwave, Inc...
TAD5006 SPECTRUM-TAD5006 Datasheet
190Kb / 1P
   4 Bit Digital Attenuator
TAD6006 SPECTRUM-TAD6006 Datasheet
192Kb / 1P
   4 Bit Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com