Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT4012-98F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHT4012-98F
Description  DC-6GHz 6-BIT DIGITAL ATTENUATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4012-98F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHT4012-98F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHT4012-98F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHT4012-98F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHT4012-98F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHT4012-98F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHT4012-98F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHT4012-98F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHT4012-98F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHT4012-98F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-98F
Ref. : DSCHT40121069 - 10 Mar 11
3/14
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Definitions
n: Attenuator state index with 0
≤ n ≤ 63
Phase_S21(n):
Measured phase of S21 in degree at attenuation state n
dB_S21(n):
Measured magnitude of S21 in dB at attenuation stateni
Attenuation Error (Att_err)
Att_err(n)= dB_S21 (n) - dB_S21(0)
–0.5xn (dB)
The translation of Att_err(i) from dB to linear is given by: Att_err_lin(n) =
20
)
(
_
10
n
err
Att
Phase variation (Phivar)
Phivar(n) = Phase_S21(n) - Phase_S21(0) (°)
RMS Attenuation Error (Rms_att)
Rms_att =
63
0
2
))
(
_
_
1
(
.
64
1
1
log
20
n
n
lin
err
Att
(dB)
RMS Phase variation (Rms_Phivar)
Rms_Phivar =
64
))
var(
(
63
0
2
n
n
Phi
(°)
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
V+
Maximum positive bias voltage
8
V
V-
Minimum negative bias voltage
-8
V
Ai
CTRL voltage (Vctrl _low, Vctrl _high)
-2, 8
V
Pin
Maximum Input power
23
dBm
Tj
Junction temperature
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.


Similar Part No. - CHT4012-98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4012-98F UMS-CHT4012-98F Datasheet
861Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
More results

Similar Description - CHT4012-98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4012A98F UMS-CHT4012A98F Datasheet
903Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-QDG UMS-CHT4012-QDG_15 Datasheet
579Kb / 12P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-98F UMS-CHT4012-98F Datasheet
861Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-QDG UMS-CHT4012-QDG Datasheet
568Kb / 12P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
logo
Qorvo, Inc
CMD325 QORVO-CMD325 Datasheet
437Kb / 12P
   DC-30 GHz 6-bit Digital Attenuator
logo
Renesas Technology Corp
F1958 RENESAS-F1958 Datasheet
18Mb / 27P
   7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
logo
Integrated Device Techn...
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
logo
Honeywell Solid State E...
HRF-AT4611 HONEYWELL-HRF-AT4611 Datasheet
120Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Serial Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com