Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT3091A Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHT3091A
Description  DC-40GHz ATTENUATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT3091A Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHT3091A_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHT3091A_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHT3091A_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHT3091A_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHT3091A_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHT3091A_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHT3091A_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHT3091A_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC-40GHz Attenuator
CHT3091a
Ref. DSCHT3091a6354 - 20 Dec 06
5/8
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Results
Chip Typical Response (On wafer Sij):
Tamb = +25°C
Vp = 0V to -5V & Vs = -5V to 0V
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
-5
-4
-3
-2
-1
0
Vp Control Voltage ( Volt ) with Vs = -5 - Vp
5
10
20
30
40
CHT3091
Insertion Loss vs Control Voltages
as Function of FREQUENCY ( GHz )
Frequency ( GHz )
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
5
10
15
20
25
30
35
40
45
50
55
60
Frequency ( GHz )
CHT3091
Gain control


Similar Part No. - CHT3091A_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3091A-99F/00 UMS-CHT3091A-99F/00 Datasheet
84Kb / 4P
   DC-40GHz ATTENUATOR
CHT3091A99F/00 UMS-CHT3091A99F/00 Datasheet
669Kb / 8P
   DC-40GHz ATTENUATOR
CHT3091AQAG UMS-CHT3091AQAG Datasheet
322Kb / 6P
   DC-12GHz ATTENUATOR
CHT3091AQAG UMS-CHT3091AQAG Datasheet
277Kb / 6P
   DC-12GHz ATTENUATOR
CHT3091AQAG UMS-CHT3091AQAG Datasheet
289Kb / 6P
   DC-12GHz ATTENUATOR
More results

Similar Description - CHT3091A_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3091A UMS-CHT3091A Datasheet
84Kb / 4P
   DC-40GHz ATTENUATOR
CHT3091A UMS-CHT3091A_06 Datasheet
669Kb / 8P
   DC-40GHz ATTENUATOR
CHA3091A UMS-CHA3091A Datasheet
669Kb / 8P
   DC-40GHz ATTENUATOR
CHT3091RCF UMS-CHT3091RCF Datasheet
71Kb / 3P
   DC-40GHz Attenuator
CHT4694-QAG UMS-CHT4694-QAG_15 Datasheet
701Kb / 14P
   25- 40GHz ATTENUATOR
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
   Silicon Digital Attenuator, 9kHz to 40GHz
logo
Knowles Electronics
FPC07802 KNOWLES-FPC07802 Datasheet
409Kb / 2P
   DC to 40GHz 30dB Resistive Coupler
FPC07803 KNOWLES-FPC07803 Datasheet
348Kb / 2P
   DC to 40GHz 20dB Resistive Coupler
PDR05848 KNOWLES-PDR05848 Datasheet
434Kb / 2P
   DC-40GHz Flip Chip Resistive Divider
logo
Vishay Barry
QFN-4420-0522 BARRY-QFN-4420-0522 Datasheet
282Kb / 2P
   DC-40GHz QFN w/ Air Cavity (Al2O3)
REV.F EP 15 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com