Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3159-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3159-Q1
Description  1-W SPDT ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TS5A3159-Q1 Datasheet HTML 1Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 2Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 3Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 4Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 5Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 6Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 7Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 8Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
Electrical Characteristics for 3.3-V Supply
TS5A3159-EP
1-
Ω SPDT ANALOG SWITCH
SCDS217B – DECEMBER 2005 – REVISED JANUARY 2006
V
+ = 3 V to 3.6 V (3.3 V nominal), TA = –55°C to 125°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN TYP(1)
MAX
UNIT
Analog Switch
Analog signal
VCOM,
0
V+
V
range
VNC, VNO
25
°C
1.35
2.15
Peak ON
0
≤ V
NO or VNC ≤ V+,
Switch ON,
rpeak
3 V
resistance
ICOM = –24 mA,
See Figure 11
Full
2.15
25
°C
1.15
1.7
ON-state
VNO or VNC = 2 V,
Switch ON,
ron
3 V
resistance
ICOM = –24 mA,
See Figure 11
Full
1.7
ON-state
resistance
VNO or VNC = 2 V, 0.8 V,
Switch ON,
match
∆r
on
25
°C
3 V
0.11
ICOM = –24 mA,
See Figure 11
between
channels
0
≤ V
NO or VNC ≤ V+,
0.225
ON-state
ICOM = –24 mA
Switch ON,
resistance
ron(flat)
25
°C
3 V
See Figure 11
VNO or VNC = 2 V, 0.8 V,
flatness
0.25
ICOM = –24 mA
NC, NO
INC(OFF),
VNC or VNO = 3 V,
Switch OFF,
OFF leakage
25
°C
3.6 V
0.2
nA
INO(OFF)
VCOM = 0,
See Figure 12
current
NC, NO
INC(ON),
VNC or VNO = 3 V,
Switch ON,
ON leakage
25
°C
3.6 V
2.8
nA
INO(ON)
VCOM = Open,
See Figure 13
current
COM
VNC or VNO = 3 V or Open,
Switch ON,
ON leakage
ICOM(ON)
25
°C
3.6 V
0.47
nA
VCOM = 3 V,
See Figure 13
current
Digital Control Input (IN)
Input logic high
VIH
Full
2
5.5
V
Input logic low
VIL
Full
0
0.6
V
Input leakage
IIH, IIL
VI = 5.5 V or 0
Full
3.6 V
–1
1
µA
current
(1)
TA = 25°C
5
Submit Documentation Feedback


Similar Part No. - TS5A3159-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results

Similar Description - TS5A3159-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com