Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5926B Datasheet(PDF) 1 Page - Micro Commercial Components

Part No. 1N5926B
Description  1.5 Watt Zener Diode 11 to 200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

1N5926B Datasheet(HTML) 1 Page - Micro Commercial Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N5926B
THRU
1N5956B
1.5 Watt
Zener Diode
11 to 200 Volts
Features
Glass Passivated Junction
Low Profile Package
Low Inductance
Built-in Strain Relief
Maximum Ratings & Thermal Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Power
Dissipation at
TL = 75°C
Ptot
1.5
(1)
W
Pwak forward
Surge Current
8.3ms single half
sine/square wave
I FSM
10
Amps
Junction
Temperature
Tj
-55 ~ +150
oC
Storage
Temperature
Range
TSTG
-55 ~ +150
oC
Forward Voltage
at IF=200mA
1.5
VF
V
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
A
B
C
D
D
Cathode
Mark
MIN
MAX
MIN
MAX
A
0.166
0.205
4.10
7.60
B
0.080
0.107
2.00
3.60
Diameter
C
0.026
0.034
0.70
0.90
Diameter
D
1.000
-----
25.40
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
DO-41G


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn