Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5926B Datasheet(PDF) 4 Page - Micro Commercial Components

Part No. 1N5926B
Description  1.5 Watt Zener Diode 11 to 200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

1N5926B Datasheet(HTML) 4 Page - Micro Commercial Components

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
1
2
3
4
5
6
7
8
9
10
VZ, ZENER VOLTAGE (VOLTS)
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
10
20 30 40
50 60
70 80 90
100
VZ, ZENER VOLTAGE (VOLTS)
Fig. 7-VZ = 6.8 THRU 10 VOLTS
Fig. 8-VZ = 12 THRU 82 VOLTS
1N5926B THRU 1N5956B
www.mccsemi.com
MCC
NOTES:
1. Mounted on 5.0mm
2(.013mm thick) land areas.
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses
per minute maximum.
3. ZENER VOLTAGE (Vz) MEASUREMENT Nominal zener voltage is measured with the device
function in thermal equilibrium with ambient temperature at 25 ¢J .
4.ZENER IMPEDANCE (Zz) DERIVATION ZZT are measured by dividing the ac voltage drop across
the device by the accurrent applied. The specified limits are for IZ(ac) = 0.1 IZ, (dc) with the ac freqency = 60Hz.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn