Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNS40010ER Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PNS40010ER
Description  400 V, 1 A high power density, standard switching time PN-rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PNS40010ER Datasheet(HTML) 5 Page - NXP Semiconductors

  PNS40010ER_15 Datasheet HTML 1Page - NXP Semiconductors PNS40010ER_15 Datasheet HTML 2Page - NXP Semiconductors PNS40010ER_15 Datasheet HTML 3Page - NXP Semiconductors PNS40010ER_15 Datasheet HTML 4Page - NXP Semiconductors PNS40010ER_15 Datasheet HTML 5Page - NXP Semiconductors PNS40010ER_15 Datasheet HTML 6Page - NXP Semiconductors PNS40010ER_15 Datasheet HTML 7Page - NXP Semiconductors PNS40010ER_15 Datasheet HTML 8Page - NXP Semiconductors PNS40010ER_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PNS40010ER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 21 August 2012
5 of 14
NXP Semiconductors
PNS40010ER
400 V, 1 A high power density, standard switching time PN-rectifier
7.
Characteristics
Ceramic PCB, Al2O3, standard footprint
Fig 3.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
aaa-003981
10
1
102
103
Zth(j-a)
(K/W)
10-1
tp (s)
10-3
102
103
10
1
10-2
10-1
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.02
0.01
0
0.05
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 0.5 A; tp ≤ 300 µs; δ≤ 0.02 ;
Tj =25°C
-
0.89
1.05
V
IF = 0.7 A; tp ≤ 300 µs; δ≤ 0.02 ;
Tj =25°C
-
0.91
1.07
V
IF =1A; tp ≤ 300 µs; δ≤ 0.02 ;
Tj =25°C
-
0.93
1.1
V
IF = 0.5 A; tp ≤ 300 µs; δ≤ 0.02 ;
Tj = 125 °C
-
0.76
0.92
V
IF = 0.7 A; tp ≤ 300 µs; δ≤ 0.02 ;
Tj = 125 °C
-
0.78
0.95
V
IF =1A; tp ≤ 300 µs; δ≤ 0.02 ;
Tj = 125 °C
-
0.81
0.98
V
IF =1A; tp ≤ 300 µs; δ≤ 0.02 ;
Tj =-40 °C
-
1.01
1.18
V
IF =1A; tp ≤ 300 µs; δ≤ 0.02 ;
Tj = 150 °C
-
0.78
0.95
V
IF =1A; tp ≤ 300 µs; δ≤ 0.02 ;
Tj = 175 °C
-
0.75
0.92
V


Similar Part No. - PNS40010ER_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PNS40010ER NEXPERIA-PNS40010ER Datasheet
252Kb / 14P
   400 V, 1 A high power density, standard switching time recovery rectifier
More results

Similar Description - PNS40010ER_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PNS40010ER NEXPERIA-PNS40010ER Datasheet
252Kb / 14P
   400 V, 1 A high power density, standard switching time recovery rectifier
ES1GR NEXPERIA-ES1GR Datasheet
222Kb / 14P
   400 V, 1 A hyperfast switching time PN-rectifier
S1DR NEXPERIA-S1DR Datasheet
215Kb / 13P
   200 V, 1 A high power density, standard switching time PNrectifier
10 January 2018
ES1DVR NEXPERIA-ES1DVR Datasheet
230Kb / 14P
   200 V, 1 A hyperfast PN-rectifier
ES1DR NEXPERIA-ES1DR Datasheet
229Kb / 14P
   200 V, 1 A hyperfast PN-rectifier
ES2DP NEXPERIA-ES2DP Datasheet
228Kb / 14P
   200 V, 2 A hyperfast PN-rectifier
ES2DR NEXPERIA-ES2DR Datasheet
225Kb / 14P
   200 V, 2 A hyperfast PN-rectifier
ES2DVR NEXPERIA-ES2DVR Datasheet
401Kb / 14P
   200 V, 2 A hyperfast PN-rectifier
ES3DP NEXPERIA-ES3DP Datasheet
226Kb / 14P
   200 V, 3 A hyperfast PN-rectifier
3 August 2017
logo
STMicroelectronics
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
   100 V, 1 A power Schottky rectifier
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com