Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1102 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1102
Description  Dual N-channel dual gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1102 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1102_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2000 Apr 11
4
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FETs
BF1102; BF1102R
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. RG1 connects gate 1 to VGG =5V.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VG2-S =4V; VDS =5V; ID = 15 mA; unless otherwise specified.
Notes
1. Not used MOS-FET: VG1-S = 0; VDS =0.
2. Gate 2 capacitance of both MOS-FETs.
3. Measured in test circuit of Fig.20.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per MOS-FET unless otherwise specified
V(BR)DSS
drain-source breakdown voltage
VG1-S =VG2-S = 0; ID =10 µA7
V
V(BR)G1-SS
gate 1-source breakdown voltage
VGS =VDS = 0; IG1-S =10mA
6
15
V
V(BR)G2-SS
gate 2-source breakdown voltage
VGS =VDS = 0; IG2-S =5mA
6
15
V
V(F)S-G1
forward source-gate 1 voltage
VG2-S =VDS = 0; IS-G1 = 10 mA
0.5
1.5
V
V(F)S-G2
forward source-gate 2 voltage
VG1-S =VDS = 0; IS-G2 = 10 mA
0.5
1.5
V
VG1-S(th)
gate 1-source threshold voltage
VDS =5V; VG2-S =4V; ID = 100 µA
0.3
1
V
VG2-S(th)
gate 2-source threshold voltage
VDS =5V; VG1-S =4V; ID = 100 µA
0.3
1.2
V
IDSX
drain-source current
VG2-S =4V; VDS =5V; RG = 120 kΩ; note 1
12
20
mA
IG1-S
gate 1 cut-off current
VG1-S =5V; VG2-S =VDS =0
50
nA
IG2-S
gate 2 cut-off current
VG2-S =5V; VG1-S =VDS =0
20
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per MOS-FET unless otherwise specified (note 1)
yfs
forward transfer admittance
Tj =25 °C
364350mS
Cig1-ss
input capacitance at gate 1
f = 1 MHz
2
2.8
3.6
pF
Cig2-ss
input capacitance at gate 2
f = 1 MHz; (note 2)
−−
7pF
Coss
output capacitance
f = 1 MHz
1.6
2.5
pF
Crss
reverse transfer capacitance
f = 1 MHz
30
50
fF
F
noise figure
f = 800 MHz; YS =YS opt
2
2.8
dB
Xmod
cross-modulation
fw = 50 MHz; funw = 60 MHz; (note 3)
input level for k = 1% at 0 dB AGC
85
−−
dB
µV
input level for k = 1% at 40 dB AGC
100
−−
dB
µV


Similar Part No. - BF1102_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1102(R) NXP-BF1102(R) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
CoolCox Limited All rig...
BF11025 COOLCOX-BF11025 Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H12D COOLCOX-BF11025H12D Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H12S COOLCOX-BF11025H12S Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H24D COOLCOX-BF11025H24D Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
More results

Similar Description - BF1102_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1203 JMNIC-BF1203_15 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FETs
BF1102_2015 JMNIC-BF1102_2015 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com