Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEC1-12715 Datasheet(PDF) 1 Page - HB Electronic Components

Part # TEC1-12715
Description  Max Operating Tem
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

TEC1-12715 Datasheet(HTML) 1 Page - HB Electronic Components

  TEC1-12715 Datasheet HTML 1Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEC1-12715
Datasheet
No.
Items
Symbol
Parameter
Condition
1
Max. Operating Tem.
T
<90℃
2
Max. Cooling Power
Qmax
136
Vacuum testing Tem
Th=30℃
3
Tem. Difference Max
△Tmax
70
Vacuum testing Tem
Th=30℃
4
Input Voltage Max
Vmax
15.4
Vacuum testing Tem
Th=30℃
5
Max. Current
Imax
15.0
Vacuum testing Tem
Th=30℃
6
Resistance
R
0.75±0.05
Ambient Tem
Th=25℃
7
Parallel
≤0.05 ㎜
8
Lines
20AWG
When the ambient temperature raise or fall 1℃, the module resistance will raise or fall
0.015 accordingly.
Hebei I.T. (Shanghai) Co., Ltd


Similar Part No. - TEC1-12715

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
TEC1-12715HTS HB-TEC1-12715HTS Datasheet
31Kb / 1P
   Max Operating Tem
More results

Similar Description - TEC1-12715

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
TEC1-12703 HB-TEC1-12703 Datasheet
252Kb / 4P
   max operating tem
TEC1-12715HTS HB-TEC1-12715HTS Datasheet
31Kb / 1P
   Max Operating Tem
logo
Bud Industries, Inc.
TS-15 BUD-TS-15 Datasheet
53Kb / 1P
   TEM-STAT TEMPERATURE CONTROLS
logo
JMK Inc.
ZF-1947-20 JMK-ZF-1947-20 Datasheet
32Kb / 1P
   Operating Voltage= 400 Vdc max. Operating Current Max= 20.0 amp
KK-1443-35 JMK-KK-1443-35 Datasheet
41Kb / 1P
   Operating voltage (max) = 50 Vdc Operating Current (max) = 35 Amperes
logo
E-SWITCH
N321063 E-SWITCH-N321063 Datasheet
63Kb / 1P
   OPERATING FORCE: 1,000gf MAX.
N311053 E-SWITCH-N311053 Datasheet
109Kb / 1P
   OPERATING FORCE: 1,000gf MAX.
N311055 E-SWITCH-N311055 Datasheet
80Kb / 1P
   OPERATING FORCE: 1,000gf MAX.
N321020 E-SWITCH-N321020 Datasheet
62Kb / 1P
   OPERATING FORCE: 1,000gf MAX.
logo
JMK Inc.
LL-1500-20 JMK-LL-1500-20 Datasheet
50Kb / 1P
   Operating voltage (max) = 12,24 or 36 Vdc Operating Current (max) = 20 Amperes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com