Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1100WR Datasheet(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1100WR
Description  Dual-gate MOS-FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1100WR Datasheet(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1100WR_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
1995 Apr 25
7
Philips Semiconductors
Product specification
Dual-gate MOS-FET
BF1100WR
Fig.10 Drain current as a function of gate 1 current;
typical values.
VDS = 9 to 12 V.
VG2-S =4V.
Tj =25 °C.
handbook, halfpage
020
40
80
60
16
12
4
0
8
MLD163
I
(
µA)
G1
I D
(mA)
Fig.11 Drain current as a function of gate 1 supply
voltage (= VGG) and drain supply voltage;
typical values; see Fig.26.
VG2-S =4V.
RG1 connected to VGG.
Tj =25 °C.
handbook, halfpage
0
20
15
10
5
0
48
16
MLD164
12
V
= V
(V)
GG
DS
I D
(mA)
R
= 100 k
G1
147 k
180 k
205 k
249 k
301 k
402 k
511 k
Fig.12 Drain current as a function of gate 1 voltage
(= VGG); typical values; see Fig.26.
VDS = 9 V; VG2-S =4V.
RG1 = 180 kΩ (connected to VGG); Tj =25 °C.
handbook, halfpage
02
4
10
8
6
12
4
0
8
MLD165
V
(V)
GG
I D
(mA)
VDS = 12 V; VG2-S =4V.
RG1 = 250 kΩ (connected to VGG); Tj =25 °C.
Fig.13 Drain current as a function of gate 1 voltage
(= VGG); typical values; see Fig.26.
handbook, halfpage
04
8
12
12
4
0
8
MLD166
V
(V)
GG
I D
(mA)


Similar Part No. - BF1100WR_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1100WR_2015 JMNIC-BF1100WR_2015 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
More results

Similar Description - BF1100WR_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1100WR PHILIPS-BF1100WR Datasheet
146Kb / 14P
   Dual-gate MOS-FET
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF1100WR_2015 JMNIC-BF1100WR_2015 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
logo
NXP Semiconductors
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
   Dual-gate MOS-FET
1995 Apr 25
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com