Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLCC2835-W6-0.5W Datasheet(PDF) 9 Page - HB Electronic Components

Part # PLCC2835-W6-0.5W
Description  Emitting Color
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2835-W6-0.5W Datasheet(HTML) 9 Page - HB Electronic Components

Back Button PLCC2835-W6-0.5W Datasheet HTML 5Page - HB Electronic Components PLCC2835-W6-0.5W Datasheet HTML 6Page - HB Electronic Components PLCC2835-W6-0.5W Datasheet HTML 7Page - HB Electronic Components PLCC2835-W6-0.5W Datasheet HTML 8Page - HB Electronic Components PLCC2835-W6-0.5W Datasheet HTML 9Page - HB Electronic Components PLCC2835-W6-0.5W Datasheet HTML 10Page - HB Electronic Components PLCC2835-W6-0.5W Datasheet HTML 11Page - HB Electronic Components PLCC2835-W6-0.5W Datasheet HTML 12Page - HB Electronic Components PLCC2835-W6-0.5W Datasheet HTML 13Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Part No./型号
SMD SPECIFICATION
Page 10 of 16
9、Specification of Packing /包装规格
9.1 Taping and Orientation/编带和方向
Quantity/数量:2000 units/reel
Diameter/直径:178 mm
Item/项目
Spec/数值
Tol.(+/-)/误差
Item/项目
Spec/数值
Tol.(+/-)/误差
W
8.00
±
0.10
P2
2.00
±
0.05
E
1.75
±
0.10
T
0.20
±
0.02
F
3.50
±
0.010
A0
3.00
±
0.10
D0
1.55
±
0.05
B0
3.75
±
0.10
D1
1.10
±
0.1
K0
1.25
±
0.10
P0
4.00
±
0.1
α
Max 5°
9.0±0.5
12±0.15
Label sticking position
www.ledz.com
Hebei I.T. (Shanghai) Co., Ltd
PLCC2W6-0.5W-U


Similar Part No. - PLCC2835-W6-0.5W

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC2835-W6-0.2W HB-PLCC2835-W6-0.2W Datasheet
1Mb / 15P
   Emitting Color
More results

Similar Description - PLCC2835-W6-0.5W

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
1206KRCT HB-1206KRCT Datasheet
652Kb / 5P
   Emitting Color
PLCC3014-W6-U HB-PLCC3014-W6-U Datasheet
1Mb / 15P
   Emitting Color
PLCC2835-W6-0.2W HB-PLCC2835-W6-0.2W Datasheet
1Mb / 15P
   Emitting Color
1206LWCT HB-1206LWCT Datasheet
764Kb / 6P
   Emitting Color
logo
P-tec Corporation
PLC762-WCB04 P-TEC-PLC762-WCB04 Datasheet
356Kb / 6P
   Emitting Color Blue
logo
STANLEY ELECTRIC CO.,LT...
GSPW1651NSE-20Y-TR STANLEY-GSPW1651NSE-20Y-TR Datasheet
745Kb / 24P
   White color emitting LED
logo
KODENSHI_AUK CORP.
KLP-32W KODENSHI-KLP-32W Datasheet
159Kb / 2P
   Light Emitting Diode(White Color)
logo
P-tec Corporation
PLC764-WCG04 P-TEC-PLC764-WCG04 Datasheet
391Kb / 6P
   Piranha LED Emitting Color Green
logo
KODENSHI_AUK CORP.
KLB-0315W KODENSHI-KLB-0315W Datasheet
197Kb / 2P
   Light Emitting Diode(White Color)
logo
STANLEY ELECTRIC CO.,LT...
CRGB1318FSE-TM STANLEY-CRGB1318FSE-TM Datasheet
851Kb / 32P
   RGB tri-color emitting LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com