Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR2244-QDG Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHR2244-QDG
Description  5.8 GHz One Antenna Reflective Transponder for Tag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2244-QDG Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHR2244-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHR2244-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHR2244-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHR2244-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHR2244-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHR2244-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHR2244-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHR2244-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHR2244-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CHR2244-QDG
5.8 GHz One Antenna Reflective Tag
Ref. : DSCHR2244-QDG9030 - 30 Jan 09
4/14
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Package outline
(1)
Pin number
Pin name
Description
4, 5, 6, 8, 9, 10,
16, 18, 23, 24
Non Connected
1
RF
RF port
2
T/R
Transmit / Receive input port
3
MOD
Modulation input port
7
SENS
Stand-by sensitivity adjust port
11
Vcc
Supply voltage
12
Ga_SB
Stand-by amplifiers Gain adjust port
13
SB_out
Stand-by output port
14
C4
External decoupling
15
DATA_out
Downlink output port
17
WK_in
Supply voltage input port for wake-up
19
AD
Wake-up threshold adjust port
20
Ga_WK
Wake-up amplifiers Gain adjust port (optional)
21
CG
External decoupling
22
FD
External decoupling
25 slug
GND
Ground
(1)The package outline drawing included to this data-sheet is given for indication. Refer to the
application note AN0017 available at http://www.ums-gaas.com for exact package dimensions.


Similar Part No. - CHR2244-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2244 UMS-CHR2244 Datasheet
4Mb / 16P
   5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
More results

Similar Description - CHR2244-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2244 UMS-CHR2244 Datasheet
4Mb / 16P
   5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
logo
World Produts Inc.
WPANT30058-RA WPI-WPANT30058-RA Datasheet
67Kb / 2P
   5.8 GHz Directional Antenna
logo
TOKO, Inc
DAT TOKO-DAT Datasheet
103Kb / 2P
   5.8 GHZ DIELECTRIC ANTENNA
logo
World Produts Inc.
WPANT30057-RA WPI-WPANT30057-RA Datasheet
69Kb / 2P
   5.8 GHz Omni-Directional Antenna
WPANT30056-RA WPI-WPANT30056-RA Datasheet
76Kb / 2P
   5.8 GHz Wi-Fi Directional Panel Antenna
logo
Taoglas antenna solutio...
FXP523A07A001 TAOGLAS-FXP523A07A001 Datasheet
1Mb / 18P
   2.4/5.8 GHz Embedded Flexible Antenna 3 ports for 802.11ac applications
logo
Sumida Corporation
AS657 SUMIDA-AS657 Datasheet
24Kb / 1P
   Transponder TX Antenna
AR10D23 SUMIDA-AR10D23 Datasheet
203Kb / 1P
   Transponder RX antenna
AR9D27 SUMIDA-AR9D27 Datasheet
210Kb / 1P
   Transponder RX antenna
AR13D28 SUMIDA-AR13D28 Datasheet
203Kb / 1P
   Transponder RX antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com