Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHP3015-99F Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHP3015-99F
Description  X-Band 6-Bit Digital Phase Shifter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHP3015-99F Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHP3015-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHP3015-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHP3015-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHP3015-99F Datasheet HTML 8Page - United Monolithic Semiconductors CHP3015-99F Datasheet HTML 9Page - United Monolithic Semiconductors CHP3015-99F Datasheet HTML 10Page - United Monolithic Semiconductors CHP3015-99F Datasheet HTML 11Page - United Monolithic Semiconductors CHP3015-99F Datasheet HTML 12Page - United Monolithic Semiconductors CHP3015-99F Datasheet HTML 13Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
X-Band 6-Bit Digital Phase Shifter
CHP3015-99F
Ref. : DSCHP3015-2055 - 24 Feb 12
9/16
Specifications subject to change without notice
Bat. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Board Measurements
Tamb.= +25°C, V+ = +5V, V- = -5V
Peak Phase Error versus Frequency
(all states)
Peak Phase Error versus State
8.5GHz ····· 10 GHz ― - ― 11.5GHz
RMS Phase Error versus Frequency
Phase Shift versus State
(@ 10GHz)
― -40°C
··· +25°C
―― +85°C
― -40°C
+25°C
―+85°C


Similar Part No. - CHP3015-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP3015-QDG UMS-CHP3015-QDG Datasheet
1Mb / 14P
   8.5-10.5GHz Phase Shifter
More results

Similar Description - CHP3015-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP4012A98F UMS-CHP4012A98F Datasheet
792Kb / 12P
   S-Band 6-bit Digital Phase Shifter
CHP3010-QFG UMS-CHP3010-QFG_15 Datasheet
1Mb / 16P
   L-Band 6-Bit Digital Phase Shifter
CHP4012-QEG UMS-CHP4012-QEG_15 Datasheet
447Kb / 12P
   S-Band 6-bit Digital Phase Shifter
CHP3010A98F UMS-CHP3010A98F_15 Datasheet
887Kb / 12P
   L-Band 6-Bit Digital Phase Shifter
logo
Merrimac Industries, In...
PTM-64A-10B MERRIMAC-PTM-64A-10B Datasheet
177Kb / 1P
   6-Bit DIGITAL PHASE SHIFTER
logo
United Monolithic Semic...
CHP1102-98F UMS-CHP1102-98F_15 Datasheet
679Kb / 10P
   S-Band 6-bit Phase Shifter
CHP1102-QGG UMS-CHP1102-QGG Datasheet
1Mb / 16P
   S-Band 6-bit Phase Shifter
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
TriQuint Semiconductor
QPC2108 TRIQUINT-QPC2108 Datasheet
709Kb / 12P
   2.5-4GHz 6-Bit Digital Phase Shifter
logo
Qorvo, Inc
QPC2108 QORVO-QPC2108 Datasheet
709Kb / 12P
   2.5-4GHz 6-Bit Digital Phase Shifter
March 25, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com