Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A44159-DIE Datasheet(PDF) 4 Page - Texas Instruments

Part # TS3A44159-DIE
Description  TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer With Two Controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A44159-DIE Datasheet(HTML) 4 Page - Texas Instruments

  TS3A44159-DIE_15 Datasheet HTML 1Page - Texas Instruments TS3A44159-DIE_15 Datasheet HTML 2Page - Texas Instruments TS3A44159-DIE_15 Datasheet HTML 3Page - Texas Instruments TS3A44159-DIE_15 Datasheet HTML 4Page - Texas Instruments TS3A44159-DIE_15 Datasheet HTML 5Page - Texas Instruments TS3A44159-DIE_15 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
25-Feb-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TS3A44159TD1
ACTIVE
0
221
TBD
Call TI
N / A for Pkg Type
25 Only
TS3A44159TD2
ACTIVE
0
10
TBD
Call TI
N / A for Pkg Type
25 Only
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - TS3A44159-DIE_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A44159 TI-TS3A44159 Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159PWR TI-TS3A44159PWR Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
More results

Similar Description - TS3A44159-DIE_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A44159 TI-TS3A44159_15 Datasheet
1Mb / 35P
[Old version datasheet]   TS3A44159 0.45-廓 Quad SPDT Analog Switch 4-Channel 2:1 Multiplexer ??Demultiplexer With Two Controls
TS3A44159 TI-TS3A44159_10 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159 Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159_08 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com