Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4934 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N4934
Description  1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4934 Datasheet(HTML) 1 Page - Micro Commercial Components

  1N4934 Datasheet HTML 1Page - Micro Commercial Components 1N4934 Datasheet HTML 2Page - Micro Commercial Components 1N4934 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4933GP
THRU
1N4937GP
1 Amp Glass
Passivated Fast
Recovery Rectifier
50 - 600 Volts
DO-41
Features
Glass Passivated Junction
Low Leakage Current
Metalurgically Bonded Construction
Low Cost
Fast Switching
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 30
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N4933
---
50V
35V
50V
1N4934
---
100V
70V
100V
1N4935
---
200V
140V
200V
1N4936
---
400V
280V
400V
1N4937
---
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA =55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100
µA
TJ = 25
°C
TJ = 125
°C
Maximum Reverse
Recovery Time
Trr
200ns
IF=0.5A,
IR=1.0A,
Irr=0.25A
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
Typical Junction
Capacitance
CJ
15pF
Measured at
IF=1.0A
VR=30V


Similar Part No. - 1N4934

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N4934 MOTOROLA-1N4934 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
List of Unclassifed Man...
1N4934 ETC2-1N4934 Datasheet
200Kb / 2P
   FAST RECOVERY RECTIFIER
logo
DIOTEC Electronics Corp...
1N4934 DEC-1N4934 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
Dc Components
1N4934 DCCOM-1N4934 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
1N4934 YFWDIODE-1N4934 Datasheet
500Kb / 3P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
More results

Similar Description - 1N4934

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4933GP MCC-1N4933GP_13 Datasheet
535Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
DL4933 MCC-DL4933_11 Datasheet
300Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
DL4933 MCC-DL4933 Datasheet
90Kb / 3P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
DL4933_1114 MCC-DL4933_1114 Datasheet
419Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11 Datasheet
86Kb / 3P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11_11 Datasheet
252Kb / 4P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
SF11M MCC-SF11M Datasheet
257Kb / 4P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
logo
DONGGUAN YOU FENG WEI E...
1N4933-DO41 YFWDIODE-1N4933-DO41 Datasheet
500Kb / 3P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
logo
Micro Commercial Compon...
SM4933 MCC-SM4933_13 Datasheet
343Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
SM4933 MCC-SM4933 Datasheet
266Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com