Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF904WR Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF904WR
Description  N-channel dual-gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF904WR Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF904WR_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF904WR_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF904WR_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF904WR_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF904WR_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF904WR_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF904WR_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF904WR_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF904WR_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1995 Apr 25
5
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF904WR
Fig.3
Forward transfer admittance as a function
of junction temperature; typical values.
50
0
50
150
30
0
MLD268
100
T ( C)
o
j
Yfs
(mS)
40
20
10
Fig.4
Typical gain reduction as a function of
AGC voltage.
f = 50 MHz.
Tj =25 °C.
handbook, halfpage
0
10
20
30
40
50
01234
V
(V)
AGC
gain
reduction
(dB)
MRA769
Fig.5
Unwanted voltage for 1% cross-modulation
as a function of gain reduction; typical
values; see Fig.19.
VGG = 5 V; fw = 50 MHz.
funw = 60 MHz; Tamb =25 °C; RG1 = 120 kΩ.
handbook, halfpage
80
90
100
110
120
0
1020
304050
Vunw
(dB V)
gain reduction (dB)
MRA771
µ
Fig.6 Transfer characteristics; typical values.
VDS =5V.
Tj =25 °C.
0
20
10
15
5
0
0.4
2.0
MLD270
0.8
1.2
1.6
I D
(mA)
V
(V)
G1 S
2 V
1.5 V
1 V
V
= 4 V
3 V
2.5 V
G2 S


Similar Part No. - BF904WR_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
More results

Similar Description - BF904WR_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com