Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHP3010A98F Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHP3010A98F
Description  L-Band 6-Bit Digital Phase Shifter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHP3010A98F Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHP3010A98F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHP3010A98F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHP3010A98F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHP3010A98F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHP3010A98F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHP3010A98F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHP3010A98F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHP3010A98F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHP3010A98F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CHP3010a98F
Ref. : DSCHP3010a98F4184 - 03 Jul 14
1/12
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
L-Band 6-Bit Digital Phase Shifter
GaAs Monolithic Microwave IC
Description
CHP3010a98F is an L-Band (1.2, 1.4GHz)
monolithic 6-bit digital phase-shifter with a
0-360° range and a high phase accuracy.
The typical RMS phase error is 1.5°. The
circuit provides 7dB insertion loss associated
with input and output return losses better
than 15dB under all logic states. An on-chip
DC-interface is compatible with both CMOS
(0/+3.3V) and TTL (0/+5V) logics.
The circuit is mainly dedicated to radar
systems and is also well suited for a wide
range
of
microwave
applications
and
systems.
The MMIC is developed on a robust 0.25µm
gate length pHEMT process and is also
available packaged in a standard surface
mount 32-lead QFN5x5.
Main Features
RMS Phase Error versus Frequency
■ 1.5 deg RMS Phase error
■ Low I/O return losses (all states)
■ 24dBm Input P-1dB
■ 16dBm Output P-1dB
■ CMOS /TTL compatibility: V+ = +3.3/5 Volt
■ DC-decoupled I/O
■ Chip size 3.37x2.73x0.1mm
Main Electrical Characteristics
Tamb.= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
1.2
1.4
GHz
PPE
Peak Phase Error
(-1,+3)
deg
RMS_PE
RMS Phase Error
1.5
deg
P1dB
Input power @ 1dBcomp (CW)
24
dBm


Similar Part No. - CHP3010A98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP3010-QFG UMS-CHP3010-QFG Datasheet
1Mb / 16P
   L-Band 6-Bit Digital Phase Shifter
CHP3010-QFG UMS-CHP3010-QFG_15 Datasheet
1Mb / 16P
   L-Band 6-Bit Digital Phase Shifter
More results

Similar Description - CHP3010A98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP3010-QFG UMS-CHP3010-QFG_15 Datasheet
1Mb / 16P
   L-Band 6-Bit Digital Phase Shifter
CHP4012A98F UMS-CHP4012A98F Datasheet
792Kb / 12P
   S-Band 6-bit Digital Phase Shifter
CHP4012-QEG UMS-CHP4012-QEG_15 Datasheet
447Kb / 12P
   S-Band 6-bit Digital Phase Shifter
CHP3015-99F UMS-CHP3015-99F_15 Datasheet
936Kb / 16P
   X-Band 6-Bit Digital Phase Shifter
CHP6013-SRF UMS-CHP6013-SRF_15 Datasheet
265Kb / 4P
   L-band Phase Shifter
logo
Merrimac Industries, In...
PTM-64A-10B MERRIMAC-PTM-64A-10B Datasheet
177Kb / 1P
   6-Bit DIGITAL PHASE SHIFTER
logo
United Monolithic Semic...
CHP6013-SRF UMS-CHP6013-SRF Datasheet
920Kb / 5P
   L-band Phase Shifter
CHP1102-98F UMS-CHP1102-98F_15 Datasheet
679Kb / 10P
   S-Band 6-bit Phase Shifter
CHP1102-QGG UMS-CHP1102-QGG Datasheet
1Mb / 16P
   S-Band 6-bit Phase Shifter
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com