Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM2378A Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHM2378A
Description  W-band Dual Channel Mixer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM2378A Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHM2378A_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHM2378A_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHM2378A_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHM2378A_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHM2378A_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHM2378A_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHM2378A_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHM2378A_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CHM2378a
W-band Dual Channel Mixer
Ref. DSCHM2378a6354 - 20 Dec 06
6/8
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Assembly Configuration
L_lo
µ-strip line
L_rf2
µ-strip line
L_rf1
µ-strip line
R_bias
C1
+V
IF1
120pF
R_bias
C2
+V
IF2
120pF
This drawing shows an example of assembly configuration. The bias and IF inter-
connections are according to the example given in the previous chapter.
For the RF pads the equivalent wire bonding inductance (diameter=25µm) have
to be according to the following recommendation.
Port
Equivalent inductance
(nH)
Approximative wire
length (mm)
LO (2)
L_lo= 0.26
0.33
RF1 (10)
L_rf1 = 0.26
0.33
RF2 (13)
L_rf2 = 0.26
0.33
For a micro-strip configuration a hole in the substrate is recommended for chip
assembly.
As the connections at 77GHz (between MMIC and MMIC or between MMIC and
external substrate) are critical, the transition matching network is split into two
parts: one on MMIC and one on the external substrate. This choice allows doing
both kinds of connections.


Similar Part No. - CHM2378A_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM2378A UMS-CHM2378A_06 Datasheet
223Kb / 8P
   W-band Dual Channel Mixer
More results

Similar Description - CHM2378A_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM2378A UMS-CHM2378A Datasheet
118Kb / 8P
   W-band Dual Channel Mixer
CHM2378A UMS-CHM2378A_06 Datasheet
223Kb / 8P
   W-band Dual Channel Mixer
CHM2179B98F UMS-CHM2179B98F_15 Datasheet
640Kb / 8P
   W-band Mixer
CHM2179B UMS-CHM2179B Datasheet
135Kb / 9P
   W-band Mixer
CHM2179A UMS-CHM2179A Datasheet
82Kb / 6P
   W-band Mixer
CHM1270A98F UMS-CHM1270A98F_15 Datasheet
307Kb / 8P
   W-Band Dual Channel Transmitter/Receiver
logo
Sony Corporation
CXG1050TN SONY-CXG1050TN Datasheet
114Kb / 8P
   Receiving Dual-Band Mixer
CXG1081TN SONY-CXG1081TN Datasheet
106Kb / 8P
   Receiving Dual-Band Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
   DUAL-BAND LOW NOISE AMPLIFIER/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com