Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4002GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N4002GP
Description  1 Amp Glass PassivatedRectifier 50 - 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4002GP Datasheet(HTML) 1 Page - Micro Commercial Components

  1N4002GP Datasheet HTML 1Page - Micro Commercial Components 1N4002GP Datasheet HTML 2Page - Micro Commercial Components 1N4002GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4001GP
THRU
1N4007GP
1 Amp Glass
PassivatedRectifier
50 - 1000 Volts
DO-41
Features
Glass Passivated Junction
Low Current Leakage
Metalurgically Bonded Construction
Low Cost
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 20
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N4001GP
---
50V
35V
50V
1N4002GP
---
100V
70V
100V
1N4003GP
---
200V
140V
200V
1N4004GP
---
400V
280V
400V
1N4005GP
---
600V
420V
600V
1N4006GP
---
800V
560V
800V
1N4007GP
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - 1N4002GP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4002GP GE-1N4002GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Diotec Semiconductor
1N4002GP DIOTEC-1N4002GP Datasheet
154Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Taiwan Semiconductor Co...
1N4002GP TSC-1N4002GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
logo
Micro Commercial Compon...
1N4002GP MCC-1N4002GP Datasheet
560Kb / 4P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
First Components Intern...
1N4002GP FCI-1N4002GP Datasheet
155Kb / 2P
   1.0 Amp MEGARECTIFIERS
More results

Similar Description - 1N4002GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP_15 Datasheet
560Kb / 4P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
Shanghai Lunsure Electr...
1N4001GP CHENYI-1N4001GP Datasheet
47Kb / 3P
   1 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP_11 Datasheet
500Kb / 4P
   1 Amp Glass Passivated Rectifier 50 - 1000 Volts
1N4001GPL MCC-1N4001GPL Datasheet
262Kb / 4P
   1 Amp Glass Passivated Rectifier 50 - 1000 Volts
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP Datasheet
80Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001 MCC-DL4001_11 Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_13 Datasheet
493Kb / 4P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001-TP MCC-DL4001-TP Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_11 Datasheet
464Kb / 4P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com