Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CONMCX001-SMD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONMCX001-SMD
Description  MCX FEMALE PCB MOUNT SURFACE MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONMCX001-SMD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONMCX001-SMD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
Description
Material
Finish
Body
Socket
Insulation
Gold
Teflon
Gold
Teflon
Brass
BE CU
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
MCX FEMALE PCB MOUNT
SURFACE MOUNT
CONMCX001-SMD
1.0
INCHES (mm)
6/5/2006
0.177
(4.50)
0.213
(5.40)
0.031
(0.80)
0.244
(6.20)
Ø0.037
(0.95)
Ø0.189
(4.80)
S0.236
(6.00)
0.059
(1.50)
0.118
(3.00)
0.059
(1.50)
S0.236
(6.00)
0.059
(1.50)
0.118
(3.00)
0.059
(1.50)
RECOMMENDED FOOTPRINT
0.089
(2.26)
0.177
(4.50)
0.177
(4.50)
0.089
(2.26)
Ø0.05
SIDE VIEW
BACK VIEW


Similar Part No. - CONMCX001-SMD

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONMCX001-SMD LINX-CONMCX001-SMD Datasheet
239Kb / 2P
   MCX FEMALE PCB MOUNT SURFACE MOUNT
26-JAN-20
More results

Similar Description - CONMCX001-SMD

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONMCX001-SMD LINX-CONMCX001-SMD Datasheet
239Kb / 2P
   MCX FEMALE PCB MOUNT SURFACE MOUNT
26-JAN-20
logo
List of Unclassifed Man...
CONREVMCX001-SMD ETC2-CONREVMCX001-SMD Datasheet
143Kb / 1P
   RP-MCX FEMALE PCB MOUNT SURFACE MOUNT
CONMCX001 ETC2-CONMCX001 Datasheet
139Kb / 1P
   MCX FEMALE PCB MOUNT
logo
Adam Technologies, Inc.
RF11-04-D-00-50-G ADAM-TECH-RF11-04-D-00-50-G Datasheet
72Kb / 1P
   MCX FEMALE PCB MOUNT
logo
Linx Technologies
CONMCX002-SMD LINX-CONMCX002-SMD Datasheet
242Kb / 2P
   MCX FEMALE RIGHT ANGLE PCB SURFACE MOUNT
26-FEB-20
logo
List of Unclassifed Man...
CONREVMCX001 ETC2-CONREVMCX001 Datasheet
140Kb / 1P
   RP-MCX FEMALE PCB MOUNT
CONMCX002 ETC2-CONMCX002 Datasheet
134Kb / 1P
   MCX FEMALE RIGHT ANGLE PCB MOUNT
logo
Linx Technologies
CONSMA001-SMD-G-T LINX-CONSMA001-SMD-G-T Datasheet
176Kb / 3P
   SMA FEMALE PCB MOUNT SURFACE MOUNT
22-APR-13
logo
List of Unclassifed Man...
CONSMA001-SMD ETC2-CONSMA001-SMD Datasheet
225Kb / 1P
   SMA FEMALE PCB MOUNT,SURFACE MOUNT
logo
Pasternack Enterprises,...
PE4889 PASTERNACK-PE4889 Datasheet
214Kb / 2P
   MCX Jack Connector Solder Attachment Surface Mount PCB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com