Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4867L-P20-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # PA4867L-P20-R
Description  DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4867L-P20-R Datasheet(HTML) 7 Page - Unisonic Technologies

  PA4867L-P20-R Datasheet HTML 1Page - Unisonic Technologies PA4867L-P20-R Datasheet HTML 2Page - Unisonic Technologies PA4867L-P20-R Datasheet HTML 3Page - Unisonic Technologies PA4867L-P20-R Datasheet HTML 4Page - Unisonic Technologies PA4867L-P20-R Datasheet HTML 5Page - Unisonic Technologies PA4867L-P20-R Datasheet HTML 6Page - Unisonic Technologies PA4867L-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PA4867
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-125.B
TYPICAL CHARACTERISTICS(Cont.)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - PA4867L-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4867L-P20-R UTC-PA4867L-P20-R Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results

Similar Description - PA4867L-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone
LM4888 NSC-LM4888 Datasheet
1Mb / 22P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4888 NSC-LM4888_06 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com