Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A5017 Datasheet(PDF) 7 Page - Texas Instruments

Part # TS3A5017
Description  TS3A5017 Dual SP4T Analog Switch / Multiplexer / Demultiplexer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A5017 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS3A5017_15 Datasheet HTML 3Page - Texas Instruments TS3A5017_15 Datasheet HTML 4Page - Texas Instruments TS3A5017_15 Datasheet HTML 5Page - Texas Instruments TS3A5017_15 Datasheet HTML 6Page - Texas Instruments TS3A5017_15 Datasheet HTML 7Page - Texas Instruments TS3A5017_15 Datasheet HTML 8Page - Texas Instruments TS3A5017_15 Datasheet HTML 9Page - Texas Instruments TS3A5017_15 Datasheet HTML 10Page - Texas Instruments TS3A5017_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TS3A5017
www.ti.com
SCDS188E – JANUARY 2005 – REVISED APRIL 2015
Electrical Characteristics for 2.5-V Supply (continued)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
D
VD = V+ or GND,
CD(OFF)
See Figure 15
25°C
2.5 V
18.5
pF
OFF capacitance
Switch OFF,
S
VS = V+ or GND,
CS(ON)
See Figure 15
25°C
2.5 V
24
pF
ON capacitance
Switch ON,
D
VD = V+ or GND,
CD(ON)
See Figure 15
25°C
2.5 V
24
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 15
25°C
2.5 V
2
pF
capacitance
RL = 50 Ω,
BW
Bandwidth
See Figure 17
25°C
2.5 V
165
MHz
Switch ON,
RL = 50 Ω,
OISO
OFF isolation
See Figure 18
25°C
2.5 V
–48
dB
f = 1 MHz,
RL = 50 Ω,
XTALK
Crosstalk
See Figure 19
25°C
2.5 V
–49
dB
f = 1 MHz,
RL = 50 Ω,
XTALK(ADJ)
Crosstalk adjacent
See Figure 20
25°C
2.5 V
–74
dB
f = 1 MHz,
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
2.5 V
0.29%
distortion
CL = 50 pF,
see Figure 22
Supply
25°C
2.5
7
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
2.7 V
μA
current
Full
10
6.7 Switching Characteristics for 3.3-V supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
25°C
3.3 V
1
5
9.5
VD = 2 V,
CL = 35 pF,
tON
Turnon time
ns
3 V to
RL = 300 Ω,
see Figure 16
Full
1
10.5
3.6 V
25°C
3.3 V
0.5
1.5
3.5
VD =2 V,
CL = 35 pF,
tOFF
Turnoff time
ns
3 V to
RL = 300 Ω,
see Figure 16
Full
0.5
4.5
3.6 V
6.8 Switching Characteristics for 2.5-V supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
25°C
2.5 V
1.5
5
8
VCOM = 2 V,
CL = 35 pF,
tON
Turnon time
ns
2.3 V to
RL = 300 Ω,
see Figure 16
Full
1
10
2.7 V
25°C
2.5 V
0.3
2
4.5
VCOM =2 V,
CL = 35 pF,
tOFF
Turnoff time
ns
2.3 V to
RL = 300 Ω,
see Figure 16
Full
0.3
6
2.7 V
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TS3A5017


Similar Part No. - TS3A5017_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017 TI-TS3A5017_10 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS3A5017_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017 TI-TS3A5017_10 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017 Datasheet
363Kb / 20P
[Old version datasheet]   14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com