Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8496G-J15-A-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TDA8496G-J15-A-T
Description  5W AMPLIFIER WITH DC VOLUME CONTROL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA8496G-J15-A-T Datasheet(HTML) 3 Page - Unisonic Technologies

  TDA8496G-J15-A-T Datasheet HTML 1Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 2Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 3Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 4Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 5Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 6Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TDA8496
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R107-030,F
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply voltage
VSS
35
V
Maximum Input Voltage
VIN(MAX)
8
VPP
Volume Control DC Voltage
V3
7
V
Power Dissipation (TA=80℃)
HZIP-15A/HZIP-15B
PD
15
W
HZIP-15D
12.5
Junction Temperature
TJ
+150
Ambient Operating Temperature
TOPR
0 ~ +70
Storage Temperature
TSTG
-40 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
HZIP-15A/HZIP-15B
θJA
35
/W
HZIP-15D
46
Junction to Case
HZIP-15A/HZIP-15B
θJC
4.6
/W
HZIP-15D
5.0
ELECTRICAL CHARACTERISTICS (refer to the test circuit VSS= 22V, RL=8Ω, RG = 50Ω, TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Supply Voltage Range
VSS
10
32
V
Output DC Offset Referred to SVR
Potential
VOUT(OFF) No Input Signal
200
mV
Quiescent Output Voltage
VQ(OUT)
11
V
Output Power
POUT
THD = 10%, RL = 8Ω
5
5.5
W
THD = 1%, RL = 8Ω
4
THD = 10%, RL = 4Ω, VSS = 12V
2.1
W
THD = 1%, RL = 4Ω, VSS = 12V
1.0
Total Harmonic Distortion
THD
GV = 30dB, POUT = 1W, f = 1KHz
0.4
%
Total Quiescent Current
IQ
25
50
mA
Output Peak Current
IPEAK
(internally limited)
1.0
1.3
A
Input Signal
VIN
2.8 Vrms
Closed Loop Gain
GV
VO(L CTRL) >4.5V
28.5
30
31.5
dB
Monitor Out Gain
GV(LINE)
VO(L CTRL) >4.5V, ZLOAD >30KΩ
-1.5
0
1.5
dB
Attenuation at Minimum Volume
AMIN
VO(L CTRL) <0.5V
80
dB
Bandwidth
BW
0.6
MHz
Total Output Noise
eN
f =20Hz~22KHz
PLAY, Max volume
500
800
µV
PLAY, Max attenuation
100
250
µV
Mute
60
150
µV
Slew Rate
SR
5
8
V/µs
Input Resistance
RIN
22.5
30
KΩ
Variable Output Resistance
RVAR(OUT)
30
100
Variable Output Load
RL(OUT)
2
KΩ
Supply Voltage Rejection
SVR
f=1KHz, CSVR=470mF,
VRIP =1Vrms
Max volume
35
39
dB
Max attenuation
55
65
dB
Thermal Muting
TMUTE
150
Thermal Shut-down
TSHDN
160


Similar Part No. - TDA8496G-J15-A-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA8496G-J15-A-T UTC-TDA8496G-J15-A-T Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496G-J15-A-T UTC-TDA8496G-J15-A-T Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA8496G-J15-A-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
STA543SA STMICROELECTRONICS-STA543SA Datasheet
523Kb / 23P
   Triple Amplifier with DC Volume Control
TDA7494 STMICROELECTRONICS-TDA7494 Datasheet
238Kb / 12P
   10W AMPLIFIER WITH DC VOLUME CONTROL
logo
Bookly Micro electronic
TDA7496L BOOKLY-TDA7496L Datasheet
181Kb / 10P
   2 AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com