Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2004-H14-B-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TDA2004-H14-B-T
Description  1010W STEREO AMPLIFIER FOR CAR RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2004-H14-B-T Datasheet(HTML) 2 Page - Unisonic Technologies

  TDA2004-H14-B-T Datasheet HTML 1Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 2Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 3Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 4Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 5Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 6Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 7Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TDA2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2
www.unisonic.com.tw
QW-R107-034.C
PIN CONFIGURATION
HZIP-11A
HSIP-14B
BOOTSTRAP 1
OUTPUT 1
+VS
OUTPUT 2
BOOTSTRAP 2
GND
INPUT+ (2)
INPUT- (2)
SVRR
INPUT- (1)
INPUT+ (1)
11
10
9
8
7
6
5
4
3
2
1
Note: TAB CONNECTED TO PIN 6
PIN DESCRIPTION
PIN NO.
PIN NAME
HZIP-11A
HSIP-14B (Note)
1
1
INPUT+ (1)
2
2
INPUT- (1)
3
3
SVRR
4
4
INPUT- (2)
5
5
INPUT+ (2)
6
6
GND
7
10
BOOTSTRAP 2
8
11
OUTPUT 2
9
12
+VS
10
13
OUTPUT 1
11
14
BOOTSTRAP 1
Note: PIN 7, 8, 9 no connection.


Similar Part No. - TDA2004-H14-B-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2004-H14-T UTC-TDA2004-H14-T Datasheet
89Kb / 8P
   1010W STEREO AMPLIFIER FOR CAR RADIO
More results

Similar Description - TDA2004-H14-B-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
   10 10W STEREO AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
   1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2004R STMICROELECTRONICS-TDA2004R Datasheet
293Kb / 17P
   10 10 W stereo amplifier for car radio
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com