Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2003G-TB5-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TDA2003G-TB5-T
Description  10W CAR RADIO AUDIO AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2003G-TB5-T Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button TDA2003G-TB5-T Datasheet HTML 2Page - Unisonic Technologies TDA2003G-TB5-T Datasheet HTML 3Page - Unisonic Technologies TDA2003G-TB5-T Datasheet HTML 4Page - Unisonic Technologies TDA2003G-TB5-T Datasheet HTML 5Page - Unisonic Technologies TDA2003G-TB5-T Datasheet HTML 6Page - Unisonic Technologies TDA2003G-TB5-T Datasheet HTML 7Page - Unisonic Technologies TDA2003G-TB5-T Datasheet HTML 8Page - Unisonic Technologies TDA2003G-TB5-T Datasheet HTML 9Page - Unisonic Technologies TDA2003G-TB5-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TDA2003
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R107-002.G
BUILT-IN PROTECTION SYSTEMS
LOAD DUMP VOLTAGE SURGE
The UTC TDA2003 has a circuit which enables it to withstand a voltage pulse train, on pin 5.
If the supply voltage peaks to more than 40V, then an LC filter must be inserted between the supply and pin 5, in
order to assure that the pulses at pin 5 will be head within the limits.
A suggested LC network. With this network, a train of pulses with amplitude up to 120V and width of 2ms can be
applied at point A. This type of protection is ON when the supply voltage(pulsed or DC) exceeds 18V. For this
reason the maximum operating supply voltage is 18V.
SHORT CIRCUIT (AC and DC Conditions)
The UTC TDA2003 can withstand a permanent short-circuit on the output for a supply voltage up to 16V.
POLARITY INVERSION
High current (up to 5A) can be handled by the device with no damage for a longer period than the blow-out time
of a quick 1A fuse(normally connected in series with the supply).
The feature is added to avoid destruction if, during fitting to the car, a mistake on connection of the supply is made.
OPEN GROUND
When the radio is in the ON condition and the ground is accidentally opened, a standard audio amplifier will be
damaged. On the UTC TDA2003 protection diodes are included to avoid any damage.
INDUCTIVE LOAD
A protection diode is provide between pin 4 and pin 5(see the internal schematic diagram) to allow use of the
UTC TDA2003 with inductive loads. In particular, the UTC TDA2003 can drive a coupling transformer for audio
modulation.
DC VOLTAGE
The maximum operating DC voltage on the UTC TDA2003 is 18V.
However the device can withstand a DC voltage up to 28V with no damage. This could occur during winter if two
batteries were series connected to crank the engine.
THERMAL SHUT-DOWN
The presence of a thermal limiting circuit offers the following advantages:
(1) An overload on the output (even if it is permanent),or an excessive ambient temperature can be easily withstood.
(2) The heat-sink can have a smaller factor compared with that of a conventional circuit. There is no device damage
in case of excessive junction temperature: all that happens is that Po ( and therefore PD) and Id are reduced.


Similar Part No. - TDA2003G-TB5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2003G-TB5-T UTC-TDA2003G-TB5-T Datasheet
316Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - TDA2003G-TB5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
NTE Electronics
NTE1288 NTE-NTE1288 Datasheet
75Kb / 2P
   Integrated Circuit Audio Power Amplifier, 10W for Car Radio
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
   CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
   1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
   10 10W STEREO AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com