Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA7493L-D16-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA7493L-D16-T
Description  2W X 2 CLASS AB AUDIO POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7493L-D16-T Datasheet(HTML) 2 Page - Unisonic Technologies

  PA7493L-D16-T Datasheet HTML 1Page - Unisonic Technologies PA7493L-D16-T Datasheet HTML 2Page - Unisonic Technologies PA7493L-D16-T Datasheet HTML 3Page - Unisonic Technologies PA7493L-D16-T Datasheet HTML 4Page - Unisonic Technologies PA7493L-D16-T Datasheet HTML 5Page - Unisonic Technologies PA7493L-D16-T Datasheet HTML 6Page - Unisonic Technologies PA7493L-D16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PA7493
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-113.D
PIN CONFIGURATION
1
2
3
4
5
6
7
8
GND
VOUT2
VIN2
VIN1
VOUT1
DC Vol
VCC
SHUTDOWN
UTC
PA7493
16
15
14
13
12
11
10
9
+OUT2
VCC
-OUT2
SE/BTL
BYPASS
-OUT1
VCC
+OUT1
PIN DESCRIPTION
PIN NO
PIN NAME
I/O
DESCRIPTION
1
SHUTDOWN
I
When this pin connected to the VCC entire IC into the shutdown mode
2
VCC
Supply voltage input pin
3
DC Vol
I
DC Volume control input
4
VOUT1
I
Output of Channel 1 for external feedback circuit
5
VIN1
I
Input of Channel 1 audio
6
VIN2
I
Input of Channel 2 audio
7
VOUT2
I
Output of Channel 2 for external feedback circuit
8
GND
Ground
9
+OUT2
O
Output (+) of Channel 2
10
VCC
Supply voltage input
11
-OUT2
O
Output (-) of Channel 2
12
SE/BTL
I
Output mode select, which is connected to the VCC for SE mode or GND for
BTL mode
13
BYPASS
O
Internal bias reference bypassing
14
-OUT1
O
Output (-) of Channel 1
15
VCC
Supply voltage input
16
+OUT1
O
Output (+) of Channel 1


Similar Part No. - PA7493L-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7493L-D16-T UTC-PA7493L-D16-T Datasheet
145Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
PA7493L-D16-T UTC-PA7493L-D16-T Datasheet
219Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
More results

Similar Description - PA7493L-D16-T

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
   2W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493 Datasheet
145Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
PA7493 UTC-PA7493_08 Datasheet
219Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
logo
List of Unclassifed Man...
ISD8102 ETC2-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8102 NUVOTON-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
logo
Silan Microelectronics ...
SA7496L SILAN-SA7496L Datasheet
279Kb / 9P
   2CH AUDIO POWER AMPLIFIER(2W X 2)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com