Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA7469-S16-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA7469-S16-T
Description  STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7469-S16-T Datasheet(HTML) 4 Page - Unisonic Technologies

  PA7469-S16-T Datasheet HTML 1Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 2Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 3Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 4Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 5Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 6Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 7Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 8Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PA7469
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 12
www.unisonic.com.tw
QW-R502-201.A
ABSOLUTE MAXIMUM RATINGS
(Over operating free-air temperature range unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ 6
V
Input Voltage , SE/BTL, SHUTDOWN
VIN
-0.3 ~ VDD+0.3
V
Power Dissipation
PD
Internal Limited
Junction Temperature
TJ
Internal Limited(Note1)
Operating Temperature
TOPR
-40 ~ 85
Storage Temperature
TSTG
-65~ +150
Note: 1. That integrated internal thermal shutdown protection when junction temperature ramp up to 150℃
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient in Free Air
θJA
45
/W
OPERATING CONDITIONS RECOMMENDED
PARAMETER
SYMBOL
MIN
TYP
MAX
UNI
Supply Voltage
VDD
4.5
5.5
V
SHUTDOWN
2
V
High Level Threshold Voltage
SE/BTL
VIH
4
V
SHUTDOWN
1.0
V
Low Level Threshold Voltage
SE/BTL
VIL
3
V
Common Mode Input Voltage
VI(CM)
VDD -1.0
V
ELECTRICAL CHARACTERISTICS VDD=5V, -20℃<TA<85℃ (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
4.5
5.5
V
SE/BTL=0V
9
20
mA
Supply Current
IDD
SE/BTL=5V
4
10
mA
Supply Current in Shutdown Mode
ISD
SE/BTL=0V
SHUTDOWN=0V
1
μA
High
IIH
900
nA
input Current
Low
IIL
900
nA
Output Differential Voltage
VOS
5
mV
BTL Mode
VDD=5V, TA=25℃,RL=4Ω, Gain=2dB
THD=10%, RL=3Ω, FIN=1kHz
2.9
W
THD=10%, RL=4Ω, FIN=1kHz
2.6
W
THD=10%, RL=8Ω, FIN=1kHz
1.6
W
THD=1%, RL=3Ω, FIN=1kHz
2.4
W
THD=1%, RL=4Ω, FIN=1kHz
1.8
W
Maximum Output Power
POUT
THD=0.5%, RL=8Ω, FIN=1kHz
1
1.3
W
POUT=1.2W, RL=4Ω, FIN=1kHz
0.07
%
Total Harmonic Distortion Plus Noise
THD+N
POUT=0.9W, RL=8Ω, FIN=1kHz
0.08
%
Power Ripple Rejection Ratio(Note1)
PSRR
VIN=0.1Vrms,RL=8Ω,CB=1μF,
Fin=120Hz
60
dB
Channel Separation
Xtalk
CB=1mF, RL=8Ω, FIN=1kHz
90
dB
Signal to Noise Ratio
S/N
POUT =1.1W, RL=8Ω, A_wieght
95
dB


Similar Part No. - PA7469-S16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7469-S16-T UTC-PA7469-S16-T Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
More results

Similar Description - PA7469-S16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com