Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXD1005 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MXD1005
Description  5-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1005 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MXD1005 Datasheet HTML 1Page - Maxim Integrated Products MXD1005 Datasheet HTML 2Page - Maxim Integrated Products MXD1005 Datasheet HTML 3Page - Maxim Integrated Products MXD1005 Datasheet HTML 4Page - Maxim Integrated Products MXD1005 Datasheet HTML 5Page - Maxim Integrated Products MXD1005 Datasheet HTML 6Page - Maxim Integrated Products MXD1005 Datasheet HTML 7Page - Maxim Integrated Products MXD1005 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
__________Applications Information
Supply and Temperature
Effects on Delay
Variations in supply voltage may affect the MXD1005’s
fixed tap delays. Supply voltages beyond the specified
range may result with larger variations. The devices are
internally compensated to reduce the effects of temper-
ature variations. Although these devices might vary with
supply and temperature, the delays vary unilaterally,
which suggests that TAP3 can never be faster than
TAP2.
Capacitance and Loading
Effects on Delay
The output load can affect the tap delays. Larger
capacitances tend to lengthen the rising and falling
edges, thus increasing the tap delays. As the taps are
loaded with other logic devices, the increased load will
increase the tap delays.
Board Layout Considerations/Decoupling
The device should be driven with a source that can
deliver the required current for proper operation. A
0.1µF ceramic bypassing capacitor could be used. The
board should be designed to reduce stray capaci-
tance.
5-Tap Silicon Delay Line
_______________________________________________________________________________________
5
VIL
VIH
PERIOD
tRISE
IN
OUT
0.6V
0.6V
2.4V
2.4V
1.5V
1.5V
1.5V
1.5V
1.5V
tFALL
tWI
tPLH
tPHL
20%
50
0.1µF
VCC
IN
(+5V)
20%
TIME
MEASUREMENT
UNIT
TAP1
TAP2
TAP3
TAP4
TAP5
74FO4
20%
20%
20%
MXD1005
Figure 1. Timing Diagram
Figure 2. Test Circuit


Similar Part No. - MXD1005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000C/D__ MAXIM-MXD1000C/D__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PA__ MAXIM-MXD1000PA__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PD__ MAXIM-MXD1000PD__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000SA__ MAXIM-MXD1000SA__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
More results

Similar Description - MXD1005

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Dallas Semiconductor
DS1004 DALLAS-DS1004 Datasheet
54Kb / 6P
   5-Tap High Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1004 MAXIM-DS1004 Datasheet
59Kb / 6P
   5-Tap High Speed Silicon Delay Line
092500
logo
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
logo
Data Delay Devices, Inc...
1518-5-10T1 DATADELAY-1518-5-10T1 Datasheet
27Kb / 2P
   5-TAP SMD DELAY LINE
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com