Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MXD1005 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MXD1005
Description  5-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1005 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MXD1005 Datasheet HTML 1Page - Maxim Integrated Products MXD1005 Datasheet HTML 2Page - Maxim Integrated Products MXD1005 Datasheet HTML 3Page - Maxim Integrated Products MXD1005 Datasheet HTML 4Page - Maxim Integrated Products MXD1005 Datasheet HTML 5Page - Maxim Integrated Products MXD1005 Datasheet HTML 6Page - Maxim Integrated Products MXD1005 Datasheet HTML 7Page - Maxim Integrated Products MXD1005 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
_______________Definitions of Terms
Period: The time elapsed between the first pulse’s
leading edge and the following pulse’s leading edge.
Pulse Width (tWI): The time elapsed on the pulse
between the 1.5V level on the leading edge and the
1.5V level on the trailing edge, or vice-versa.
Input Rise Time (tRISE): The time elapsed between
the 20% and 80% points on the input pulse’s leading
edge.
Input Fall Time (tFALL): The time elapsed between
the 80% and 20% points on the input pulse’s trailing
edge.
Time Delay, Rising (tPLH): The time elapsed between
the 1.5V level on the input pulse’s leading edge and the
corresponding output pulse’s leading edge.
Time Delay, Falling (tPHL): The time elapsed between
the 1.5V level on the input pulse’s trailing edge and the
corresponding output pulse’s trailing edge.
____________________Test Conditions
Ambient Temperature:
+25°C ±3°C
Supply Voltage (VCC):
+5V ±0.01V
Input Pulse:
High = 3.0V ±0.1V
Low = 0.0V ±0.1V
Source Impedance:
50
Ω max
Rise and Fall Times:
3.0ns max
Pulse Width:
500ns max
Period:
1µs
Each output is loaded with a 74F04 input gate. Delay is
measured at the 1.5V level on the rising and falling
edges. The time delay due to the 74F04 is subtracted
from the measured delay.
5-Tap Silicon Delay Line
4
_______________________________________________________________________________________
______________________________________________________________Pin Description
1
1
Signal Input
14-PIN DIP
FUNCTION
8-PIN
DIP/SO/µMAX
NAME
16-PIN SO
2
4
40% of specified maximum delay
4
1
IN
TAP2
3
PIN
6
80% of specified maximum delay
4
7
Device Ground
8
6
TAP4
GND
5
8
100% of maximum specified delay
6
10
60% of specified maximum delay
11
9
TAP5
TAP3
7
12
20% of specified maximum delay
8
14
Power-Supply Input
16
13
TAP1
VCC
2, 3, 5, 9, 11,
13
No Connection. Not internally connected.
2, 3, 5, 7, 10,
12, 14, 15
N.C.
Note: Maximum delay is determined by the part number extension. See the Part Number and Delay Times table for more information.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS1000 5-Tap Silicon Delay Line 1  2  3  4  5  Dallas Semiconductor
DS1004 5-Tap High Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1005 5-Tap Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
MXD1000 5-Tap Silicon Delay Line 1  2  3  4  5  More Maxim Integrated Products
3D7215 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1  2  3  4  Data Delay Devices, Inc.
DS1044 4-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1003 4-Tap Silicon Delay Line for RISC Applications 1  2  3  4  5  More Dallas Semiconductor
3D7225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7225 1  2  3  4  Data Delay Devices, Inc.
DS1135L 3V 3-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
1505 5-TAP SIP DELAY LINE TD/TR = 3 1  2  Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn