Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MXD1005 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MXD1005
Description  5-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1005 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MXD1005 Datasheet HTML 1Page - Maxim Integrated Products MXD1005 Datasheet HTML 2Page - Maxim Integrated Products MXD1005 Datasheet HTML 3Page - Maxim Integrated Products MXD1005 Datasheet HTML 4Page - Maxim Integrated Products MXD1005 Datasheet HTML 5Page - Maxim Integrated Products MXD1005 Datasheet HTML 6Page - Maxim Integrated Products MXD1005 Datasheet HTML 7Page - Maxim Integrated Products MXD1005 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAP4
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
_______________General Description
The MXD1005 silicon delay line offers five equally
spaced taps with delays ranging from 12ns to 250ns
and a nominal accuracy of ±2ns or ±3%, whichever is
greater. Relative to hybrid solutions, this device offers
enhanced performance and higher reliability, and
reduces overall cost. Each tap can drive up to ten 74LS
loads.
The MXD1005 is available in multiple versions, each
offering a different combination of delay times. It comes
in the space-saving 8-pin µMAX package, as well as an
8-pin SO or DIP, allowing full compatibility with the
DS1005 and other delay line products.
________________________Applications
Clock Synchronization
Digital Systems
____________________________Features
o Improved Second Source to DS1005
o Available in Space-Saving 8-Pin µMAX Package
o 17mA Supply Current vs. Dallas’ 40mA
o Low Cost
o Delay Tolerance of ±2ns or ±3%, whichever is
Greater
o TTL/CMOS-Compatible Logic
o Leading- and Trailing-Edge Accuracy
o Custom Delays Available
5-Tap Silicon Delay Line
________________________________________________________________
Maxim Integrated Products
1
TAP3
TAP5
GND
1
2
8
7
VCC
TAP1
TAP2
TAP4
IN
DIP/SO/
µMAX
TOP VIEW
3
4
6
5
MXD1005
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
N.C.
TAP1
N.C.
TAP2
N.C.
N.C.
IN
MXD1005
TAP3
N.C.
TAP5
GND
TAP4
N.C.
DIP
_________________Pin Configurations
_____Part Number and Delay Times
19-1309; Rev 0; 10/97
PART
MXD1005C/D__
MXD1005PA__
MXD1005PD__
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
8 Plastic DIP
14 Plastic DIP
______________Ordering Information
*
Dice are tested at TA = +25°C.
Note: To complete the ordering information, fill in the blank with
the part number extension from the Part Number and Delay
Times table to indicate the desired delay per output.
MXD1005SA__
MXD1005SE__
MXD1005UA__
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
8 SO
16 Narrow SO
8 µMAX
Pin Configurations continued at end of data sheet.
60
12
PART NUMBER
EXTENSION
(MXD1005_ _ __)
75
15
125
100
20
25
175
150
30
35
250
200
40
50
24
30
40
50
60
70
80
100
36
45
60
75
90
105
120
150
48
60
80
100
120
140
160
200
DELAY (tPHL, tPLH) PER OUTPUT (ns)
60
75
100
125
150
175
200
250
Note: Contact factory for characterization data.
Functional Diagram appears at end of data sheet.
TAP1
TAP2
TAP3
TAP4
TAP5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS1000 5-Tap Silicon Delay Line 1  2  3  4  5  Dallas Semiconductor
DS1004 5-Tap High Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1005 5-Tap Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
MXD1000 5-Tap Silicon Delay Line 1  2  3  4  5  More Maxim Integrated Products
3D7215 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1  2  3  4  Data Delay Devices, Inc.
DS1044 4-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1003 4-Tap Silicon Delay Line for RISC Applications 1  2  3  4  5  More Dallas Semiconductor
3D7225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7225 1  2  3  4  Data Delay Devices, Inc.
DS1135L 3V 3-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
1505 5-TAP SIP DELAY LINE TD/TR = 3 1  2  Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn