Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MXD1000 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MXD1000
Description  5-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1000 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MXD1000 Datasheet HTML 1Page - Maxim Integrated Products MXD1000 Datasheet HTML 2Page - Maxim Integrated Products MXD1000 Datasheet HTML 3Page - Maxim Integrated Products MXD1000 Datasheet HTML 4Page - Maxim Integrated Products MXD1000 Datasheet HTML 5Page - Maxim Integrated Products MXD1000 Datasheet HTML 6Page - Maxim Integrated Products MXD1000 Datasheet HTML 7Page - Maxim Integrated Products MXD1000 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
__________Applications Information
Supply and Temperature
Effects on Delay
Variations in supply voltage may affect the MXD1000’s
fixed tap delays. Supply voltages beyond the specified
range may result with larger variations. The devices are
internally compensated to reduce the effects of temper-
ature variations. Although these devices might vary with
supply and temperature, the delays vary unilaterally,
which suggests that TAP3 can never be faster than
TAP2.
Capacitance and Loading
Effects on Delay
The output load can affect the tap delays. Larger
capacitances tend to lengthen the rising and falling
edges, thus increasing the tap delays. As the taps are
loaded with other logic devices, the increased load will
increase the tap delays.
Board Layout Considerations/Decoupling
The device should be driven with a source that can
deliver the required current for proper operation. A
0.1µF ceramic bypassing capacitor could be used. The
board should be designed to reduce stray capaci-
tance.
5-Tap Silicon Delay Line
_______________________________________________________________________________________
5
VIL
VIH
PERIOD
tRISE
IN
OUT
0.6V
0.6V
2.4V
2.4V
1.5V
1.5V
1.5V
1.5V
1.5V
tFALL
tWI
tPLH
tPHL
20%
50
0.1µF
VCC
IN
(+5V)
20%
TIME
MEASUREMENT
UNIT
TAP1
TAP2
TAP3
TAP4
TAP5
74FO4
20%
20%
20%
MXD1000
Figure 1. Timing Diagram
Figure 2. Test Circuit


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS1000 5-Tap Silicon Delay Line 1  2  3  4  5  Dallas Semiconductor
DS1004 5-Tap High Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1005 5-Tap Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
MXD1005 5-Tap Silicon Delay Line 1  2  3  4  5  More Maxim Integrated Products
3D7215 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1  2  3  4  Data Delay Devices, Inc.
DS1044 4-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1003 4-Tap Silicon Delay Line for RISC Applications 1  2  3  4  5  More Dallas Semiconductor
3D7225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7225 1  2  3  4  Data Delay Devices, Inc.
DS1135L 3V 3-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
1505 5-TAP SIP DELAY LINE TD/TR = 3 1  2  Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn