Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MXD1000 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MXD1000
Description  5-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1000 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MXD1000 Datasheet HTML 1Page - Maxim Integrated Products MXD1000 Datasheet HTML 2Page - Maxim Integrated Products MXD1000 Datasheet HTML 3Page - Maxim Integrated Products MXD1000 Datasheet HTML 4Page - Maxim Integrated Products MXD1000 Datasheet HTML 5Page - Maxim Integrated Products MXD1000 Datasheet HTML 6Page - Maxim Integrated Products MXD1000 Datasheet HTML 7Page - Maxim Integrated Products MXD1000 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5-Tap Silicon Delay Line
4
_______________________________________________________________________________________
______________________________________________________________Pin Description
1
1
Signal Input
14-PIN DIP
FUNCTION
8-PIN
DIP/SO/µMAX
NAME
16-PIN SO
2
4
40% of specified maximum delay
4
1
IN
TAP2
3
PIN
6
80% of specified maximum delay
4
7
Device Ground
8
6
TAP4
GND
5
8
100% of maximum specified delay
6
10
60% of specified maximum delay
11
9
TAP5
TAP3
7
12
20% of specified maximum delay
8
14
Power-Supply Input
16
13
TAP1
VCC
2, 3, 5, 9, 11,
13
No Connection. Not internally connected.
2, 3, 5, 7, 10,
12, 14, 15
N.C.
Note: Maximum delay is determined by the part number extension. See the Part Number and Delay Times table for more information.
_______________Definitions of Terms
Period: The time elapsed between the first pulse’s
leading edge and the following pulse’s leading edge.
Pulse Width (tWI): The time elapsed on the pulse
between the 1.5V level on the leading edge and the
1.5V level on the trailing edge, or vice-versa.
Input Rise Time (tRISE): The time elapsed between
the 20% and 80% points on the input pulse’s leading
edge.
Input Fall Time (tFALL): The time elapsed between
the 80% and 20% points on the input pulse’s trailing
edge.
Time Delay, Rising (tPLH): The time elapsed between
the 1.5V level on the input pulse’s leading edge and the
corresponding output pulse’s leading edge.
Time Delay, Falling (tPHL): The time elapsed between
the 1.5V level on the input pulse’s trailing edge and the
corresponding output pulse’s trailing edge.
____________________Test Conditions
Ambient Temperature:
+25°C ±3°C
Supply Voltage (VCC):
+5V ±0.1V
Input Pulse:
High = 3.0V ±0.1V
Low = 0.0V ±0.1V
Source Impedance:
50
Ω max
Rise and Fall Times:
3.0ns max
Pulse Width:
500ns max (1ns for -500)
Period:
1µs (2ns for -500)
Each output is loaded with a 74F04 input gate. Delay is
measured at the 1.5V level on the rising and falling
edges. The time delay due to the 74F04 is subtracted
from the measured delay.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS1000 5-Tap Silicon Delay Line 1  2  3  4  5  Dallas Semiconductor
DS1004 5-Tap High Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1005 5-Tap Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
MXD1005 5-Tap Silicon Delay Line 1  2  3  4  5  More Maxim Integrated Products
3D7215 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1  2  3  4  Data Delay Devices, Inc.
DS1044 4-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1003 4-Tap Silicon Delay Line for RISC Applications 1  2  3  4  5  More Dallas Semiconductor
3D7225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7225 1  2  3  4  Data Delay Devices, Inc.
DS1135L 3V 3-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
1505 5-TAP SIP DELAY LINE TD/TR = 3 1  2  Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn