Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MXD1000 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MXD1000
Description  5-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1000 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MXD1000 Datasheet HTML 1Page - Maxim Integrated Products MXD1000 Datasheet HTML 2Page - Maxim Integrated Products MXD1000 Datasheet HTML 3Page - Maxim Integrated Products MXD1000 Datasheet HTML 4Page - Maxim Integrated Products MXD1000 Datasheet HTML 5Page - Maxim Integrated Products MXD1000 Datasheet HTML 6Page - Maxim Integrated Products MXD1000 Datasheet HTML 7Page - Maxim Integrated Products MXD1000 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5-Tap Silicon Delay Line
_______________________________________________________________________________________
3
__________________________________________Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
-2.0
-1.0
-1.5
0
-0.5
1.5
1.0
0.5
2.0
-40
0
-20
20
40
60
80
100
MXD1000_ _75
PERCENT CHANGE IN DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
tPLH
RELATIVE TO NOMINAL (+25°C)
tPHL
tPHL
tPLH
-2.0
-1.0
-1.5
0
-0.5
1.5
1.0
0.5
2.0
-40
0
-20
20
40
60
80
100
MXD1000_ _100 TO MXD1000_ _200
PERCENT CHANGE IN DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
tPHL
RELATIVE TO NOMINAL (+25°C)
tPHL
tPLH
tPLH
-2.0
-1.0
-1.5
0
-0.5
1.5
1.0
0.5
2.0
-40
0
-20
20
40
60
80
100
MXD1000_ _250 TO MXD1000_ _500
PERCENT CHANGE IN DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
tPHL
RELATIVE TO NOMINAL (+25°C)
tPLH
tPLH
tPHL
20
8
10
12
14
16
18
0.001
0.01
0.1
1
10
100
ACTIVE CURRENT
vs. FREQUENCY
FREQUENCY (MHz)
MXD1000_ _50
MXD1000_ _75
MXD1000_ _200
MXD1000_ _500
50% DUTY CYCLE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS10005-Tap Silicon Delay Line 1 2 3 4 5 Dallas Semiconductor
DS10045-Tap High Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10055-Tap Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
MXD10055-Tap Silicon Delay Line 1 2 3 4 5 MoreMaxim Integrated Products
3D7215MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1 2 3 4 Data Delay Devices, Inc.
DS10444-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10034-Tap Silicon Delay Line for RISC Applications 1 2 3 4 5 MoreDallas Semiconductor
3D7225MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7225 1 2 3 4 Data Delay Devices, Inc.
DS1135L3V 3-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
15055-TAP SIP DELAY LINE TD/TR = 3 1 2 Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn