Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MXD1000 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MXD1000
Description  5-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1000 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MXD1000 Datasheet HTML 1Page - Maxim Integrated Products MXD1000 Datasheet HTML 2Page - Maxim Integrated Products MXD1000 Datasheet HTML 3Page - Maxim Integrated Products MXD1000 Datasheet HTML 4Page - Maxim Integrated Products MXD1000 Datasheet HTML 5Page - Maxim Integrated Products MXD1000 Datasheet HTML 6Page - Maxim Integrated Products MXD1000 Datasheet HTML 7Page - Maxim Integrated Products MXD1000 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5-Tap Silicon Delay Line
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5.0V ±5%, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
TIMING CHARACTERISTICS
(VCC = +5.0V ±5%, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1:
Contact factory for ordering information.
Note 2:
Specifications to -40°C are guaranteed by design, not production tested.
Note 3:
All voltages referenced to GND.
Note 4:
Measured with output open.
Note 5:
ICC is a function of frequency and TAP5 delay. Only an MXD1000_ _25 operating with a 40ns period and VCC = +5.25V will have
an ICC = 75mA. For example, an MXD1000_ _100 will never exceed 30mA. See Supply Current vs. Input Frequency in Typical
Operating Characteristics.
Note 6:
Guaranteed by design.
Note 7:
Pulse width and/or period specifications may be exceeded, but accuracy is application sensitive (i.e., layout, decoupling,
etc.). The device will remain functional with pulse widths down to 20% of TAP5 delay, and input periods as short as 2(tWI).
Note 8:
Typical initial tolerances are ± with respect to the nominal value at +25°C and VCC = 5V.
Note 9:
Typical temperature tolerance is ± with respect to the initial delay value over a temperature range of -40°C to +85°C.
Note 10: The delay will also vary with supply voltage, typically by less than 4% over the supply range of VCC = +4.75V to +5.25V.
Note 11: All tap delays tend to vary unidirectionally with temperature or voltage changes. For example, if TAP1 slows down, all other
taps will also slow down; i.e., TAP3 can never be faster than TAP2.
VCC to GND ..............................................................-0.5V to +6V
All Other Pins..............................................-0.5V to (VCC + 0.5V)
Short-Circuit Output Current (1sec) ....................................50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.1mW/°C above +70°C) .......727mW
14-Pin Plastic DIP (derate 10.0mW/°C above +70°C) ...800mW
8-Pin SO (derate 5.9mW/°C above +70°C)....................471mW
16-Pin Narrow SO (derate 8.7mW/°C above +70°C) .....696mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ...............330mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
(Note 3)
(Note 3)
(Note 3)
TA = +25°C (Note 6)
0V
≤ VIN ≤ VCC
VCC = 5.25V, period = minimum (Notes 4, 5)
VCC = 4.75V, VOH = 4.0V
VCC = 4.75V, VOL = 0.5V
CONDITIONS
V
0.8
VIL
Input Voltage Low
V
2.2
VIH
V
4.75
5.00
5.25
VCC
Supply Voltage
Input Voltage High
pF
5
10
CIN
Input Capacitance
µA
-1
1
IL
Input Leakage Current
mA
20
75
ICC
Active Current
mA
-1
IOH
Output Current High
mA
12
IOL
Output Current Low
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Notes 1, 8–12)
(Notes 1, 8–12)
(Note 7)
(Note 7)
CONDITIONS
ns
See
Part Number and
Delay Times table
tPHL
Input-to-Tap Delay
(trailing edge)
ns
See
Part Number and
Delay Times table
tPLH
ns
40% of TAP5
tPLH
tWI
Input Pulse Width
Input-to-Tap Delay
(leading edge)
ms
100
tPU
Power-Up Time
ns
4(tWI)
Period
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS1000 5-Tap Silicon Delay Line 1  2  3  4  5  Dallas Semiconductor
DS1004 5-Tap High Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1005 5-Tap Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
MXD1005 5-Tap Silicon Delay Line 1  2  3  4  5  More Maxim Integrated Products
3D7215 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1  2  3  4  Data Delay Devices, Inc.
DS1044 4-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1003 4-Tap Silicon Delay Line for RISC Applications 1  2  3  4  5  More Dallas Semiconductor
3D7225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7225 1  2  3  4  Data Delay Devices, Inc.
DS1135L 3V 3-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
1505 5-TAP SIP DELAY LINE TD/TR = 3 1  2  Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn