Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA3312 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA3312
Description  DUAL 2.6W AUDIO POWER AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3312 Datasheet(HTML) 5 Page - Unisonic Technologies

  PA3312_15 Datasheet HTML 1Page - Unisonic Technologies PA3312_15 Datasheet HTML 2Page - Unisonic Technologies PA3312_15 Datasheet HTML 3Page - Unisonic Technologies PA3312_15 Datasheet HTML 4Page - Unisonic Technologies PA3312_15 Datasheet HTML 5Page - Unisonic Technologies PA3312_15 Datasheet HTML 6Page - Unisonic Technologies PA3312_15 Datasheet HTML 7Page - Unisonic Technologies PA3312_15 Datasheet HTML 8Page - Unisonic Technologies PA3312_15 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PA3312
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R107-055.B
ABSOLUTE MAXIMUM RATING
Over operating free-air temperature range (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6
V
Input Voltage
VIN
-0.3~VDD ~+0.3
V
Power Dissipation
PD
Internally limited
Operating Junction Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
Supply Voltage
VDD
4.5
5.5
V
High-Level Input Voltage
VIH
SE/BTL, HP/LINE, GAIN0, GAIN1
0.8×VDD
V
SHUTDOWN
2
Low-Level Input Voltage
VIL
SE/BTL, HP/LINE
0.6×VDD
V
GAIN0, GAIN1
0.4×VDD
SHUTDOWN
0.8
Operating Free-Air Temperature
TA
-40
85
°C
OPERATING CHARACTERISTICS (VDD = 5 V, TA = 25°C, RL = 8Ω , Gain = 6 dB, BTL mode)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Power
POUT
RL = 3Ω
THD+N=10%
2.6
W
THD+N=1%
2.05
Total Harmonic Distortion Plus
Noise
TDH+N POUT = 1 W, f = 20 Hz ~ 15 kHz
0.65%
Maximum Output Power Bandwidth
BOM
THD = 5%
>15
KHz
Supply Ripple Rejection Ratio
RR
f = 1 kHz, CB = 0.47 μF BTLmode
72
dB
Signal-to-Noise Ratio
SNR
105
dB
Noise Output Voltage
eN
CB=0.47μF,
f=20Hz ~ 20KHz
BTLmode
20
μVRMS
SE mode
18
ELECTRICAL CHARACTERISTICS
(TA = 25°C, VDD = 5 V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Offset Voltage (Measured
Differentially)
|VO(OFF)|
VIN = 0, AV = 6 dB
25
mV
Power Supply Rejection Ratio
PSRR
VDD = 4.5 V ~ 5.5 V
77
dB
High-Level Input Current
|IIH|
VDD = 5.5 V, VIN = VDD
1
μA
Low-Level Input Current
|IIL|
VDD = 5.5 V, VIN = 0 V
1
μA
Supply Current
IDD
BTL mode
6
10
mA
SE mode
3
5
Supply Current, Shutdown Mode
IDD(SD)
150
300
μA


Similar Part No. - PA3312_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3312-N24-R UTC-PA3312-N24-R Datasheet
238Kb / 10P
   DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3312-N24-T UTC-PA3312-N24-T Datasheet
238Kb / 10P
   DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3312L-N24-R UTC-PA3312L-N24-R Datasheet
238Kb / 10P
   DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3312L-N24-T UTC-PA3312L-N24-T Datasheet
238Kb / 10P
   DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results

Similar Description - PA3312_15

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4088D ISSI-IS31AP4088D Datasheet
456Kb / 16P
   DUAL 2.6W STEREO AUDIO AMPLIFIER
IS31AP4088D-QFLS2-TR ISSI-IS31AP4088D-QFLS2-TR Datasheet
496Kb / 15P
   DUAL 2.6W STEREO AUDIO AMPLIFIER
logo
SG Micro Corp
SGM4865 SGMICRO-SGM4865 Datasheet
320Kb / 10P
   2.6W Stereo Audio Power Amplifier
logo
Unisonic Technologies
PA3332 UTC-PA3332 Datasheet
271Kb / 10P
   2.6W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432_15 Datasheet
121Kb / 2P
   2.6W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3332 UTC-PA3332_15 Datasheet
285Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER
PA3312 UTC-PA3312 Datasheet
238Kb / 10P
   DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Maxim Integrated Produc...
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
   2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com